| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLK3114SCZPV bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLK3114SCZPV bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 68 page ![]() 1−6 • No external filter capacitors required • VML serial driver providing PECL-compatible differential signaling with no external components • Auto-selects between HSTL or SSTL_2 Class 1 I/O with on-chip 50- Ω series termination on outputs • Able to operate with a single 2.5-V power supply • On-chip PRBS generation and verification controlled from external terminal • IEEE 1149.1 JTAG test interface • Hot-plug protection • Mainstream 250-nm CMOS technology • Small-footprint, 19-mm × 19-mm, 289-ball PBGA package 1.2 Ordering Information PACKAGE TA PLASTIC BALL GRID ARRAY (PBGA) SYMBOL TLK3114SCGNT 0 °C to 70°C TLK3114SCGPV 0 C to 70 C TLK3114SCZPV ECAT NOTE: For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. |