| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLK3114SCZPV bảng dữ liệu(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLK3114SCZPV bảng dữ liệu(HTML) 48 Page - Texas Instruments |
|
48 / 68 page ![]() 3−30 Table 3−23. Channel Status Register (Register 22) BIT(S) NAME DESCRIPTION READ/WRITE 15 Channel D transmit FIFO collision error 1 = Collision error is detected to cause the transmit FIFO self reset. 0 = No error (default) After being read, this bit is reset to 0. Read-only 14 Channel C transmit FIFO collision error 1 = Collision error is detected to cause the transmit FIFO self reset. 0 = No error (default) After being read, this bit is reset to 0. Read-only 13 Channel B transmit FIFO collision error 1 = Collision error is detected to cause the transmit FIFO self reset. 0 = No error (default) After being read, this bit is reset to 0. Read-only 12 Channel A transmit FIFO collision error 1 = Collision error is detected to cause the transmit FIFO self reset. 0 = No error (default) After being read, this bit is reset to 0. Read-only 11 Channel D decode error 1 = Code word or running disparity error detected. 0 = No error (default) After being read, this bit is reset to 0. Read-only 10 Channel C decode error 1 = Code word or running disparity error detected. 0 = No error (default) After being read, this bit is reset to 0. Read-only 9 Channel B decode error 1 = Code word or running disparity error detected. 0 = No error (default) After being read, this bit is reset to 0. Read-only 8 Channel A decode error 1 = Code word or running disparity error detected. 0 = No error (default) After being read, this bit is reset to 0. Read-only 7 Channel D PRBS pass 1 = PRBS testing passes without error (default). 0 = Error is detected during PRBS test. After PRBS_PASS has been cleared, reading this bit sets it to 1. Read-only 6 Channel C PRBS pass 1 = PRBS testing passes without error (default). 0 = Error is detected during PRBS test. After PRBS_PASS has been cleared, reading this bit sets it to 1. Read-only 5 Channel B PRBS pass 1 = PRBS testing passes without error (default). 0 = Error is detected during PRBS test. After PRBS_PASS has been cleared, reading this bit sets it to 1. Read-only 4 Channel A PRBS pass 1 = PRBS testing passes without error (default). 0 = Error is detected during PRBS test After PRBS_PASS has been cleared, reading this bit sets it to 1. Read-only 3 Channel D LOS output 1 = LOS condition is reported. 0 = No LOS (default) After being read, this bit is reset to 0. Read-only 2 Channel C LOS output 1 = LOS condition is reported. 0 = No LOS (default) After being read, this bit is reset to 0. Read-only 1 Channel B LOS output 1 = LOS condition is reported. 0 = No LOS (default) After being read, this bit is reset to 0. Read-only 0 Channel A LOS output 1 = LOS condition is reported. 0 = No LOS (default) After being read, this bit is reset to 0. Read-only |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |