| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLK3114SCZPV bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLK3114SCZPV bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 68 page ![]() 2−5 Table 2−5. Management Data Interface TERMINAL TYPE DESCRIPTION NAME NUMBER TYPE DESCRIPTION DADR0 U1 LVTTL input Management MMD address. DADR0 is the externally set device address, which configures PHY XS or DTE XS according to Table 3−11. MDC U2 LVTTL input Management data clock. MDC is the clock reference for the transfer of management data to and from the protocol device. MDIO U3 LVTTL I/O Management data I/O. MDIO is the bidirectional serial data path for the transfer of management data to and from the protocol device. PADR(0−4) R1, T1, T3, T2, R2 LVTTL input Management PHY address. Device address PADR(0−4) is the externally set physical address given to this device used to distinguish one device from another. Table 2−6. Miscellaneous Terminals TERMINAL TYPE DESCRIPTION NAME NUMBER TYPE DESCRIPTION CODE P1 LVTTL input† Encode enable. When CODE is high, the 8-b/10-b encoder and decoder is enabled. CONFIG0 CONFIG1 C2, D2 LVTTL input‡ Configuration terminals. These terminals put the device under one of the three operation modes: 00 = Transceiver mode 01 = Transmit-only mode 10 = Receive-only mode 11 = Repeater mode ENABLE A1 LVTTL input† Standby enable. When this terminal is held low, the device is in a low-power state. When high, the device operates normally. LPEN(A−D) C3, D3, P3, R3 LVTTL input‡ Internal loop enable, channels A−D. When high, the serial output for each channel is internally looped back to its serial input. MF(A−D) A16, B16, T16, U16 LVTTL output Multifunction outputs, channels A−D. The functions of these terminals are enabled via the MDIO. Currently defined functions are: Terminal indicates 1 for HSTL, 0 for SSTL_2 signaling (default), LOS (loss of signal) for each channel, COMMA_DET (K28.5 character detected) for each channel, and PRBS_STATUS (pseudorandom bit stream test status) for each channel. PRBSEN J1 LVTTL input‡ PRBS enable. When this terminal is asserted high, the PRBS generator and comparator circuits are inserted into the transmit and receive data paths on all channels. PRBS_PASS is indicated on the MFx terminals once they are enabled using MDIO. PSYNC C1 LVTTL input‡ Channel synchronization enable. When PSYNC is high, all transmit data is latched on the rising and falling edges of TCA and all receive data is valid on the rising and falling edges of RCA. RSTN B1 LVTTL input† Chip reset (FIFO clear). Pulling this terminal low recenters the transmit skew buffers, receive channel synchronization FIFOs, and resets MDIO flags. SYNCEN D1 LVTTL input† Comma detect enable. When this terminal is high, comma detection and byte alignment for all channels are enabled. TESTEN P2 LVTTL input‡ Test mode enable. This terminal is used for manufacturing test. This terminal must be left unconnected or tied low. † With an internal pullup resistor ‡ With an internal pulldown resistor |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |