| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F364AMDFB bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F364AMDFB bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp |
|
3 / 92 page ![]() R01DS0032EJ0200 Rev.2.00 Page 3 of 88 Feb 07, 2011 M16C/64A Group 1. Overview Notes: 1. See Table 1.3 “Product List” for the operating temperature. 2. The CEC function indicates circuitry which supports the transmission and reception of CEC signals standardized by the High-Definition Multimedia Interface (HDMI). HDMI and High-Definition Multimedia Interface are registered trademarks of HDMI Licensing, LLC. Table 1.2 Specifications for the 100-Pin Package (2/2) Item Function Description Timers Timer A 16-bit timer × 5 Timer mode, event counter mode, one-shot timer mode, pulse width modulation (PWM) mode Event counter two-phase pulse signal processing (two-phase encoder input) × 3 Programmable output mode × 3 Timer B 16-bit timer × 6 Timer mode, event counter mode, pulse period measurement mode, pulse width measurement mode Three-phase motor control timer functions • Three-phase inverter control (timer A1, timer A2, timer A4, timer B2) • On-chip dead time timer Real-time clock Count: seconds, minutes, hours, days of the week PWM function 8 bits × 2 Remote control signal receiver • 2 circuits • 4 wave pattern matchings (differentiate wave pattern for headers, data 0, data 1, and special data) • 6-byte receive buffer (1 circuit only) • Operating frequency of 32 kHz Serial Interface UART0 to UART2, UART5 to UART7 Clock synchronous/asynchronous × 6 channels I2C-bus, IEBus, special mode 2 SIM (UART2) SI/O3, SI/O4 Clock synchronization only × 2 channels Multi-master I2C-bus Interface 1 channel CEC Functions (2) CEC transmit/receive, arbitration lost detection, ACK automatic output, operation frequency of 32 kHz A/D Converter 10-bit resolution × 26 channels, including sample and hold function Conversion time: 1.72 µs D/A Converter 8-bit resolution × 2 circuits CRC Calculator CRC-CCITT (X16 + X12 + X5 + 1), CRC-16 (X16 + X15 + X2 + 1) compliant Flash Memory • Program and erase power supply voltage: 2.7 to 5.5 V • Program and erase cycles: 1,000 times (program ROM 1, program ROM 2), 10,000 times (data flash) • Program security: ROM code protect, ID code check Debug Functions On-chip debug, on-board flash rewrite, address match interrupt × 4 Operation Frequency/Supply Voltage 25 MHz/VCC1 = 2.7 to 5.5 V, VCC2 = 2.7 V to VCC1 Current Consumption Described in Electrical Characteristics Operating Temperature -20°C to 85°C, -40°C to 85°C (1) Package 100-pin QFP: PRQP0100JD-B (Previous package code: 100P6F-A) 100-pin LQFP: PLQP0100KB-A (Previous package code: 100P6Q-A) |