| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F364AMDFB bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F364AMDFB bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp |
|
20 / 92 page ![]() R01DS0032EJ0200 Rev.2.00 Page 20 of 88 Feb 07, 2011 M16C/64A Group 4. Special Function Registers (SFRs) 4. Special Function Registers (SFRs) 4.1 SFRs An SFR is a control register for a peripheral function. Notes: 1. The blank areas are reserved. No access is allowed. 2. Software reset, watchdog timer reset, oscillator stop detect reset, voltage monitor 1 reset, and voltage monitor 2 reset do not affect the following bits: bits PM01 and PM00 in the PM0 register. 3. Oscillator stop detect reset does not affect bits CM20, CM21, and CM27. 4. The state of bits in the RSTFR register depends on the reset type. 5. This is the reset value after hardware reset. Refer to the explanation of each register for details. Table 4.1 SFR Information (1) (1) Address Register Symbol Reset Value 0000h 0001h 0002h 0003h 0004h Processor Mode Register 0 PM0 0000 0000b (CNVSS pin is low) 0000 0011b (CNVSS pin is high) (2) 0005h Processor Mode Register 1 PM1 0000 1000b 0006h System Clock Control Register 0 CM0 0100 1000b 0007h System Clock Control Register 1 CM1 0010 0000b 0008h Chip Select Control Register CSR 01h 0009h 000Ah Protect Register PRCR 00h 000Bh Data Bank Register DBR 00h 000Ch Oscillation Stop Detection Register CM2 0X00 0010b (3) 000Dh 000Eh 000Fh 0010h Program 2 Area Control Register PRG2C XXXX XX00b 0011h 0012h Peripheral Clock Select Register PCLKR 0000 0011b 0013h 0014h 0015h Clock Prescaler Reset Flag CPSRF 0XXX XXXXb 0016h 0017h 0018h Reset Source Determine Register RSTFR XX00 001Xb (hardware reset) (4) 0019h Voltage Detector 2 Flag Register VCR1 0000 1000b (5) 001Ah Voltage Detector Operation Enable Register VCR2 00h (5) 001Bh Chip Select Expansion Control Register CSE 00h 001Ch PLL Control Register 0 PLC0 0X01 X010b 001Dh 001Eh Processor Mode Register 2 PM2 XX00 0X01b 001Fh X: Undefined |