| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F364AMDFB bảng dữ liệu(PDF) 90 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F364AMDFB bảng dữ liệu(HTML) 90 Page - Renesas Technology Corp |
|
90 / 92 page ![]() A - 2 2.00 Feb 07, 2011 Address Space 18 Figure 3.2 Memory Map: • Added the address of 384 KB version. • Added note 1 and 3 to the reserved areas. Special Function Registers (SFRs) 20 Table 4.1 SFR Information (1) (1): • Deleted “the VCR1 register, the VCR2 register” from note 2. • Deleted notes 5 to 6 and added note 5. 21 Table 4.2 SFR Information (2) (1): Deleted notes 2 to 7 and added note 2. 38 4.2.1 Register Settings: Added the description regarding read-modify-write instructions. 39 Table 4.20 Read-Modify-Write Instructions: Added. Electrical Characteristics 40 Table 5.1 Absolute Maximum Ratings: Added a row for the data area value to Topr (Flash program erase). 41 Table 5.2 Recommended Operating Conditions (1/3): Added rows for the CEC value to VCC1, VCC2, VIH, and VIL. 45 Table 5.9 Flash Memory (Program ROM 1, 2) Electrical Characteristics: Added a condition to the Read voltage row. 48 Table 5.14 Power-On Reset Circuit: • Added the tw(por) row. • Added the last line in note 1. 48 Figure 5.3 Power-On Reset Circuit Electrical Characteristics: Deleted note 2. 52 Table 5.18 Electrical Characteristics (2) (1): Added “ZP, IDU, IDV, IDW” to the VT+-VT- row. 54 Table 5.20 Electrical Characteristics (4): Added new part numbers above the table. 60, 78 Table 5.33 and Table 5.53 Multi-master I2C-bus: Added. 61 Table 5.34 Memory Expansion Mode and Microprocessor Mode: Changed RDY input setup time from 30. 61 to 68, 79 to 86 Table 5.34 to Table 5.37 and Table 5.54 to Table 5.57 Memory Expansion Mode and Microprocessor Mode: Deleted the following: • HOLD input setup time • HOLD input hold time • HLDA output delay time 62, 80 Figure 5.13 and Figure 5.26 Timing Diagram: Deleted lower figure (Common to wait state and no wait state settings). 70 Table 5.38 Electrical Characteristics (1) (1): • Added rows for the CEC value to Leakage current in powered-off state, VT+-VT-, and VOL. • Added “ZP, IDU, IDV, IDW” to the VT+-VT- row. 71 Table 5.39 Electrical Characteristics (2): Changed “VCC1 = 5.0 V” to "VCC1 = 3.0 V" in the During flash memory program and During flash memory erase rows. 72 Table 5.40 Electrical Characteristics (3): • Added new part numbers above the table. • Changed “VCC1 = 5.0 V” to "VCC1 = 3.0 V" in the During flash memory program and During flash memory erase rows. 79 Table 5.54 Memory Expansion Mode and Microprocessor Mode: Changed RDY input setup time from 40. REVISION HISTORY M16C/64A Group Datasheet Rev. Date Description Page Summary All trademarks and registered trademarks are the property of their respective owners. IEBus is a registered trademark of NEC Electronics Corporation. HDMI and High-Definition Multimedia Interface are registered trademarks of HDMI Licensing, LLC. |