| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F364AMDFB bảng dữ liệu(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F364AMDFB bảng dữ liệu(HTML) 22 Page - Renesas Technology Corp |
|
22 / 92 page ![]() R01DS0032EJ0200 Rev.2.00 Page 22 of 88 Feb 07, 2011 M16C/64A Group 4. Special Function Registers (SFRs) Note: 1. The blank areas are reserved. No access is allowed. Table 4.3 SFR Information (3) (1) Address Register Symbol Reset Value 0040h 0041h 0042h INT7 Interrupt Control Register INT7IC XX00 X000b 0043h INT6 Interrupt Control Register INT6IC XX00 X000b 0044h INT3 Interrupt Control Register INT3IC XX00 X000b 0045h Timer B5 Interrupt Control Register TB5IC XXXX X000b 0046h Timer B4 Interrupt Control Register UART1 Bus Collision Detection Interrupt Control Register TB4IC U1BCNIC XXXX X000b 0047h Timer B3 Interrupt Control Register UART0 Bus Collision Detection Interrupt Control Register TB3IC U0BCNIC XXXX X000b 0048h SI/O4 Interrupt Control Register INT5 Interrupt Control Register S4IC INT5IC XX00 X000b 0049h SI/O3 Interrupt Control Register INT4 Interrupt Control Register S3IC INT4IC XX00 X000b 004Ah UART2 Bus Collision Detection Interrupt Control Register BCNIC XXXX X000b 004Bh DMA0 Interrupt Control Register DM0IC XXXX X000b 004Ch DMA1 Interrupt Control Register DM1IC XXXX X000b 004Dh Key Input Interrupt Control Register KUPIC XXXX X000b 004Eh A/D Conversion Interrupt Control Register ADIC XXXX X000b 004Fh UART2 Transmit Interrupt Control Register S2TIC XXXX X000b 0050h UART2 Receive Interrupt Control Register S2RIC XXXX X000b 0051h UART0 Transmit Interrupt Control Register S0TIC XXXX X000b 0052h UART0 Receive Interrupt Control Register S0RIC XXXX X000b 0053h UART1 Transmit Interrupt Control Register S1TIC XXXX X000b 0054h UART1 Receive Interrupt Control Register S1RIC XXXX X000b 0055h Timer A0 Interrupt Control Register TA0IC XXXX X000b 0056h Timer A1 Interrupt Control Register TA1IC XXXX X000b 0057h Timer A2 Interrupt Control Register TA2IC XXXX X000b 0058h Timer A3 Interrupt Control Register TA3IC XXXX X000b 0059h Timer A4 Interrupt Control Register TA4IC XXXX X000b 005Ah Timer B0 Interrupt Control Register TB0IC XXXX X000b 005Bh Timer B1 Interrupt Control Register TB1IC XXXX X000b 005Ch Timer B2 Interrupt Control Register TB2IC XXXX X000b 005Dh INT0 Interrupt Control Register INT0IC XX00 X000b 005Eh INT1 Interrupt Control Register INT1IC XX00 X000b 005Fh INT2 Interrupt Control Register INT2IC XX00 X000b X: Undefined |