| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F364AMDFB bảng dữ liệu(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F364AMDFB bảng dữ liệu(HTML) 43 Page - Renesas Technology Corp |
|
43 / 92 page ![]() R01DS0032EJ0200 Rev.2.00 Page 43 of 88 Feb 07, 2011 M16C/64A Group 5. Electrical Characteristics 5.1.3 A/D Conversion Characteristics Notes: 1. Use when AVCC = VCC1. 2. Flash memory rewrite disabled. Except for the analog input pin, set the pins to be measured as input ports and connect them to VSS. See Figure 5.2 “A/D Accuracy Measure Circuit”. Figure 5.2 A/D Accuracy Measure Circuit Table 5.5 A/D Conversion Characteristics (1/2) (1) VCC1 = AVCC = 3.0 to 5.5 V ≥ VCC2 ≥ VREF, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified. Symbol Parameter Measuring Condition Standard Unit Min. Typ. Max. - Resolution AVCC = VCC1 ≥ VCC2 ≥ VREF 10 Bits INL Integral non-linearity error 10bit VCC1 = 5.0 V AN0 to AN7 input, AN0_0 to AN0_7 input, AN2_0 to AN2_7 input, ANEX0, ANEX1 input (Note 2) ±3 LSB VCC1 = 3.3 V AN0 to AN7 input, AN0_0 to AN0_7 input, AN2_0 to AN2_7 input, ANEX0, ANEX1 input (Note 2) ±3 LSB VCC1 = 3.0 V AN0 to AN7 input, AN0_0 to AN0_7 input, AN2_0 to AN2_7 input, ANEX0, ANEX1 input (Note 2) ±3 LSB - Absolute accuracy 10bit VCC1 = 5.0 V AN0 to AN7 input, AN0_0 to AN0_7 input, AN2_0 to AN2_7 input, ANEX0, ANEX1 input (Note 2) ±3 LSB VCC1 = 3.3 V AN0 to AN7 input, AN0_0 to AN0_7 input, AN2_0 to AN2_7 input, ANEX0, ANEX1 input (Note 2) ±3 LSB VCC1 = 3.0 V AN0 to AN7 input, AN0_0 to AN0_7 input, AN2_0 to AN2_7 input, ANEX0, ANEX1 input (Note 2) ±3 LSB AN Analog input AN: One of the analog input pin P0 to P10: I/O pins other than AN P0 to P10 |