| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F364AMDFB bảng dữ liệu(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F364AMDFB bảng dữ liệu(HTML) 86 Page - Renesas Technology Corp |
|
86 / 92 page ![]() R01DS0032EJ0200 Rev.2.00 Page 86 of 88 Feb 07, 2011 M16C/64A Group 5. Electrical Characteristics VCC1 = VCC2 = 3 V Switching Characteristics (VCC1 = VCC2 = 3 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified) 5.3.4.3 In 2 or 3 Waits Setting, and When Accessing External Area and Using Multiplexed Bus Notes: 1. Calculated according to the BCLK frequency as follows: 2. Calculated according to the BCLK frequency as follows: n is 2 for 2 waits setting, 3 for 3 waits setting. 3. Calculated according to the BCLK frequency as follows: 4. Calculated according to the BCLK frequency as follows: 5. When using multiplexed bus, set f(BCLK) 12.5 MHz or less. Table 5.57 Memory Expansion Mode and Microprocessor Mode (in 2 or 3 Waits Setting, and When Accessing External Area and Using Multiplexed Bus) (5) Symbol Parameter Measuring Condition Standard Unit Min. Max. td(BCLK-AD) Address output delay time See Figure 5.27 50 ns th(BCLK-AD) Address output hold time (in relation to BCLK) 0ns th(RD-AD) Address output hold time (in relation to RD) (Note 1) ns th(WR-AD) Address output hold time (in relation to WR) (Note 1) ns td(BCLK-CS) Chip select output delay time 50 ns th(BCLK-CS) Chip select output hold time (in relation to BCLK) 0ns th(RD-CS) Chip select output hold time (in relation to RD) (Note 1) ns th(WR-CS) Chip select output hold time (in relation to WR) (Note 1) ns td(BCLK-RD) RD signal output delay time 40 ns th(BCLK-RD) RD signal output hold time 0ns td(BCLK-WR) WR signal output delay time 40 ns th(BCLK-WR) WR signal output hold time 0ns td(BCLK-DB) Data output delay time (in relation to BCLK) 50 ns th(BCLK-DB) Data output hold time (in relation to BCLK) 0ns td(DB-WR) Data output delay time (in relation to WR) (Note 2) ns th(WR-DB) Data output hold time (in relation to WR) (Note 1) ns td(BCLK-ALE) ALE signal output delay time (in relation to BCLK) 25 ns th(BCLK-ALE) ALE signal output hold time (in relation to BCLK) −4ns td(AD-ALE) ALE signal output delay time (in relation to Address) (Note 3) ns th(AD-ALE) ALE signal output hold time (in relation to Address) (Note 4) ns td(AD-RD) RD signal output delay from the end of address 0ns td(AD-WR) WR signal output delay from the end of address 0ns tdz(RD-AD) Address output floating start time 8ns 0.5 10 9 × f BCLK () ----------------------10 ns [] – n 0.5 – () 10 9 × f BCLK () ------------------------------------50 ns [] – 0.5 10 9 × f BCLK () ----------------------40 ns [] – 0.5 10 9 × f BCLK () ----------------------15 ns [] – |