| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F364AMDFB bảng dữ liệu(PDF) 88 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F364AMDFB bảng dữ liệu(HTML) 88 Page - Renesas Technology Corp |
|
88 / 92 page ![]() R01DS0032EJ0200 Rev.2.00 Page 88 of 88 Feb 07, 2011 M16C/64A Group Appendix 1. Package Dimensions Appendix 1. Package Dimensions The information on the latest package dimensions or packaging may be obtained from “Packages“ on the Renesas Electronics website. P-QFP100-14x20-0.65 1.8g MASS[Typ.] 100P6F-A PRQP0100JD-B RENESAS Code JEITA Package Code Previous Code 0.2 0.15 0.13 0.4 0.3 0.25 Max Nom Min Dimension in Millimeters Symbol Reference 20.2 20.0 19.8 D 14.2 14.0 13.8 E 2.8 A2 23.1 22.8 22.5 17.1 16.8 16.5 3.05 A 0.2 0.1 0 0.8 0.6 0.4 L 10° 0° c 0.65 e 0.10 y HD HE A1 bp ZD ZE 0.575 0.825 x 0.13 2. 1. DIMENSIONS "*1" AND "*2" DO NOT INCLUDE MOLD FLASH. NOTE) DIMENSION "*3" DOES NOT INCLUDE TRIM OFFSET. Detail F L *3 *1 F 1 30 31 50 51 80 81 100 Index mark y x c D HD bp ZD e Terminal cross section b1 bp 2. 1. DIMENSIONS "*1" AND "*2" DO NOT INCLUDE MOLD FLASH. NOTE) DIMENSION "*3" DOES NOT INCLUDE TRIM OFFSET. y Index mark x 125 26 50 51 75 76 100 F *1 *3 ZD D HD bp Detail F L1 L L1 ZE ZD c1 b1 bp A1 HE HD y 0.08 e 0.5 c 0° 8° x L 0.35 0.5 0.65 0.05 0.1 0.15 A 1.7 15.8 16.0 16.2 15.8 16.0 16.2 A2 1.4 E 13.9 14.0 14.1 D 13.9 14.0 14.1 Reference Symbol Dimension in Millimeters Min Nom Max 0.15 0.20 0.25 0.09 0.145 0.20 0.08 1.0 1.0 0.18 0.125 1.0 Previous Code JEITA Package Code RENESAS Code PLQP0100KB-A 100P6Q-A / FP-100U / FP-100UV MASS[Typ.] 0.6g P-LQFP100-14x14-0.50 e |