| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F364AMDFB bảng dữ liệu(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F364AMDFB bảng dữ liệu(HTML) 69 Page - Renesas Technology Corp |
|
69 / 92 page ![]() R01DS0032EJ0200 Rev.2.00 Page 69 of 88 Feb 07, 2011 M16C/64A Group 5. Electrical Characteristics Figure 5.17 Timing Diagram Memory Expansion Mode and Microprocessor Mode (in 2 or 3 waits setting, and when accessing external area and using multiplexed bus ) BCLK CSi ADi ALE RD BHE ADi /DBi Read timing BCLK CSi ADi ALE BHE ADi /DBi Data output Write timing Address Address Data input Address Address V = V = 5V CC1 CC2 td(BCLK-CS) 25ns(max.) tcyc (0.5 × t -10)ns(min.) cyc th(RD-CS) th(BCLK-CS) 0ns(min.) (0.5 × t -25ns(min.) cyc td(AD-ALE) (0.5 × t -15ns(min.) cyc th(ALE-AD) tdz(RD-AD) 8ns(max.) {(n-0.5) × t -45}ns(max.) cyc tac3(RD-DB) tsu(DB-RD) th(RD-DB) 0ns(min.) 0ns(min.) td(AD-RD) th(BCLK-AD) 0ns(min.) 15ns(max.) td(BCLK-ALE) th(BCLK-ALE) -4ns(min.) td(BCLK-AD) 25ns(max.) th(RD-AD) (0.5 × t -10)ns(min.) cyc 25ns(max.) td(BCLK-RD) 0ns(min.) th(BCLK-RD) tcyc td(BCLK-CS) 25ns(max.) (0.5 × t -10)ns(min.) cyc th(WR-CS) th(BCLK-CS) 0ns(min.) td(BCLK-DB) 40ns(max.) th(BCLK-DB) 0ns(min.) (0.5 × t -25ns(min.) cyc td(AD-ALE) {(n-0.5) × t -40}ns(min.) cyc td(DB-WR) (0.5 × t -10)ns(min.) cyc th(WR-DB) td(BCLK-AD) 25ns(max.) th(BCLK-AD) 0ns(min.) 15ns(max.) td(BCLK-ALE) th(BCLK-ALE) -4ns(min.) 0ns(min.) td(AD-WR) th(WR-AD) (0.5 × t -10)ns(min.) cyc 25ns(max.) td(BCLK-WR) 0ns(min.) th(BCLK-WR) n: 2 (when 2 waits) 3 (when 3 waits) Measuring conditions V = V = 5V CC1 CC2 Input timing voltage: V = 0.8 V, V = 2.0 V IL IH Output timing voltage: V = 0.4 V, V = 2.4 V OL OH 40ns(min.) WR, WRL, WRH |