| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F364AMDFB bảng dữ liệu(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F364AMDFB bảng dữ liệu(HTML) 59 Page - Renesas Technology Corp |
|
59 / 92 page ![]() R01DS0032EJ0200 Rev.2.00 Page 59 of 88 Feb 07, 2011 M16C/64A Group 5. Electrical Characteristics VCC1 = VCC2 = 5 V Timing Requirements (VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified) 5.2.2.5 Serial Interface Figure 5.10 Serial Interface 5.2.2.6 External Interrupt INTi Input Figure 5.11 External Interrupt INTi Input Table 5.31 Serial Interface Symbol Parameter Standard Unit Min. Max. tc(CK) CLKi input cycle time 200 ns tw(CKH) CLKi input high pulse width 100 ns tw(CKL) CLKi input low pulse width 100 ns td(C-Q) TXDi output delay time 80 ns th(C-Q) TXDi hold time 0ns tsu(D-C) RXDi input setup time 70 ns th(C-D) RXDi input hold time 90 ns Table 5.32 External Interrupt INTi Input Symbol Parameter Standard Unit Min. Max. tw(INH) INTi input high pulse width 250 ns tw(INL) INTi input low pulse width 250 ns CLKi TXDi RXDi tc(CK) t w(CKH) t w(CKL) th(C-Q) td(C-Q) tsu(D-C) th(C-D) INTi input t w(INL) t w(INH) |