| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C5NPD0-DS bảng dữ liệu(PDF) 75 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
C5NPD0-DS bảng dữ liệu(HTML) 75 Page - Freescale Semiconductor, Inc |
|
75 / 100 page ![]() AC Timing Specifications 75 V 04 • Gigabit TBI Interface Timing Description • OC-12 Timing Description DS1/DS3 Timing Specifications The DS1/DS3 interface timing is shown in Figure 13 and described in Table 40. Figure 13 DS1/DS3 Ethernet Timing Diagram 10/100 Ethernet Timing Specifications The 10/100 Ethernet interface timing is shown in Figure 14 and described in Table 41. CPn_0 (TCLK) Cycle 1 Cycle 2 Cycle 2 Cycle 3 Cycle 3 Cycle 4 Cycle 4 Cycle 5 Cycle 5 CPn_2/3 (Tx) CPn_1 (RCLK) CPn_4/5 (Rx) Tcdt Tcdo Tcdr Tcds Tcdh Table 40 DS1/DS3 Ethernet Timing Description SYMBOL PARAMETER MIN TYP MAX UNIT Tcdt DS1/DS3 Transmit Cycle Time 647/22.4 ns Tcdo DS1/DS3 Output Time 3.0/3.0 400/15.0 ns Tcdr DS1/DS3 Receive Cycle Time 647/22.4 ns Tcds DS1/DS3 Setup Time 2.0 ns Tcdh DS1/DS3 Hold Time 2.5 ns Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |