công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C5NPD0-DS bảng dữ liệu(PDF) 50 Page - Freescale Semiconductor, Inc

tên linh kiện C5NPD0-DS
Giải thích chi tiết về linh kiện  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS bảng dữ liệu(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 46Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 47Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 48Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 49Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 50Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 51Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 52Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 53Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
50
CHAPTER 2: SIGNAL DESCRIPTIONS
C5NP
QMU SRAM Interface
Signals
The QMU signals are described in Table 26. The QMU’s clock frequency is 1/
2 the internal
core clock frequency.
Power Supply Signals
Power supply and ground signals are described in Table 27 and their pinouts are shown in
Figure 6.
Table 26 QMU SRAM Interface Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O*
SIGNAL DESCRIPTION
QCPAR
A10
1
nc
nc
Not used
QCLK
G12
1
LVTTL
O
Clock Signal to the memory ICs
QCMD0 - QCMD15
B10, C10, D10, E10, F10, B11, D11, F11,
A12, B12, C12, D12, E12, B13, D13, F13
16
LVTTL
O
Memory Address [15: 0] to the memory
ICs
QDPAR
A8
1
LVTTL
I/O
Data parity
QDATA0 - QDATA31
D1, F1, F2, B2, C2, D2, E2, B3, D3, F3, A4,
B4, C4, D4, E4, F4, B5, D5, F5, A6, B6, C6,
D6, E6, F6, B7, D7, F7, C8, D8, E8, F8
32
LVTTL
I/O
Memory Data
QSFLOW
B9
1
LVTTL
O
Not Used
QXCTRL0
D9
1
LVTTL
O
Rd/Wr (Read is true high, write is true low)
QXCTRL1
F9
1
LVTTL
O
Memory Address [16] to the memory ICs
QXRQST
B8
1
nc
nc
Reserved
Note: Requires Pullup or Pulldown.
TOTAL PINS
55
* During normal (non-scan) operation.
Table 27 Power Supply Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
SIGNAL DESCRIPTION
VDD
A3, A11, A15, A23, A27, C1, C5, C13, C17, C25, C29,
E3, E7, E15, E19, E27, G5, G9, G17, G21, G29, I7, I11,
I19, I23, J12, K1, K9, K13, K21, K25, L14, M3, M11,
M15, M23, M27, O1, O5, O13, O17, O25, O29, Q3, Q7,
Q15, Q19, Q27, S5, S9, S17, S21, S29, U7, U11, U19,
U23, W1, W9, W13, W21, W25, Y3, Y11, Y15, Y23, Y27,
AA1, AA5, AA13, AA17, AA25, AA29, AC3, AC7, AC15,
AC19, AC27
78
P
Core Supply Voltage (1.8V Input)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com