công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32W108HB bảng dữ liệu(PDF) 147 Page - STMicroelectronics

tên linh kiện STM32W108HB
Giải thích chi tiết về linh kiện  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB bảng dữ liệu(HTML) 147 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 143Page - STMicroelectronics STM32W108HB Datasheet HTML 144Page - STMicroelectronics STM32W108HB Datasheet HTML 145Page - STMicroelectronics STM32W108HB Datasheet HTML 146Page - STMicroelectronics STM32W108HB Datasheet HTML 147Page - STMicroelectronics STM32W108HB Datasheet HTML 148Page - STMicroelectronics STM32W108HB Datasheet HTML 149Page - STMicroelectronics STM32W108HB Datasheet HTML 150Page - STMicroelectronics STM32W108HB Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 179 page
background image
STM32W108CB, STM32W108HB
Interrupts
Doc ID 16252 Rev 2
147/179
Figure 47.
Peripheral interrupts block diagram
The description of each peripheral's interrupt configuration and flag registers can be found
in the chapters of this datasheet describing each peripheral.
Given a peripheral, 'periph', the Event Manager registers (INT_periphCFG and
INT_periphFLAG) follow the form:
●
INT_periphCFG enables and disables second-level interrupts. Writing 1 to a bit in the
INT_periphCFG register enables the second-level interrupt. Writing 0 to a bit in the
INT_periphCFG register disables it. The INT_periphCFG register behaves like a mask,
and is responsible for allowing the INT_periphFLAG bits to propagate into the top level
NVIC interrupts.
●
INT_periphFLAG indicates second-level interrupts that have occurred. Writing 1 to a bit
in a INT_periphFLAG register clears the second-level interrupt. Writing 0 to any bit in
the INT_periphFLAG register is ineffective. The INT_periphFLAG register is always
active and may be set or cleared at any time, meaning if any second-level interrupt
occurs, then the corresponding bit in the INT_periphFLAG register is set regardless of
the state of INT_periphCFG.
If a bit in the INT_periphCFG register is set after the corresponding bit in the
INT_periphFLAG register is set then the second-level interrupt propagates into the top level
interrupts. The interrupt flags (signals) from the second-level interrupts into the top-level
interrupts are level-sensitive. If a top-level NVIC interrupt is driven by a second-level EM
interrupt, then the top-level NVIC interrupt cannot be cleared until all second-level EM
interrupts are cleared.
The INT_periphFLAG register bits are designed to remain set if the second-level interrupt
event re-occurs at the same moment as the INT_periphFLAG register bit is being cleared.
This ensures the re-occurring second-level interrupt event is not missed.
If another enabled second-level interrupt event of the same type occurs before the first
interrupt event is cleared, the second interrupt event is lost because no counting or queuing
is used. However, this condition is detected and stored in the top-level INT_MISS register to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com