công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32W108HB bảng dữ liệu(PDF) 146 Page - STMicroelectronics

tên linh kiện STM32W108HB
Giải thích chi tiết về linh kiện  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB bảng dữ liệu(HTML) 146 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 142Page - STMicroelectronics STM32W108HB Datasheet HTML 143Page - STMicroelectronics STM32W108HB Datasheet HTML 144Page - STMicroelectronics STM32W108HB Datasheet HTML 145Page - STMicroelectronics STM32W108HB Datasheet HTML 146Page - STMicroelectronics STM32W108HB Datasheet HTML 147Page - STMicroelectronics STM32W108HB Datasheet HTML 148Page - STMicroelectronics STM32W108HB Datasheet HTML 149Page - STMicroelectronics STM32W108HB Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 179 page
background image
Interrupts
STM32W108CB, STM32W108HB
146/179
Doc ID 16252 Rev 2
10.1.2
Faults
Four of the exceptions in the NVIC are faults: Hard Fault, Memory Fault, Bus Fault, and
Usage Fault. Of these four, three of the faults (Hard Fault, Memory Fault, and Usage Fault)
are all standard ARM® Cortex-M3 exceptions.
The Bus Fault, though, is derived from STM32W108-specific sources. The Bus Fault
sources are recorded in the SCS_AFSR register. Note that it is possible for one access to
set multiple SCS_AFSR bits. Also note that MPU configurations could prevent most of these
bus fault accesses from occurring, with the advantage that illegal writes are made precise
faults. The four bus faults are:
●
WRONGSIZE - Generated by an 8-bit or 16-bit read or write of an APB peripheral
register. This fault can also result from an unaligned 32-bit access.
●
PROTECTED - Generated by a user mode (unprivileged) write to a system APB or
AHB peripheral or protected RAM.
●
RESERVED - Generated by a read or write to an address within an APB peripheral's 4
kB block range, but the address is above the last physical register in that block range.
Also generated by a read or write to an address above the top of RAM or flash.
●
MISSED - Generated by a second SCS_AFSR fault. In practice, this bit is not seen
since a second fault also generates a hard fault, and the hard fault preempts the bus
fault.
10.2
Event manager
While the standard ARM® Cortex-M3 Nested Vectored Interrupt Controller provides top-
level interrupts into the CPU, the Event Manager provides second-level interrupts. The
Event Manager takes a large variety of hardware interrupt sources from the peripherals and
merges them into a smaller group of interrupts in the NVIC. Effectively, all second-level
interrupts from a peripheral are "ORed" together into a single interrupt in the NVIC. In
addition, the Event Manager provides missed indicators for the top-level peripheral
interrupts with the register INT_MISS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com