| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32W108HB bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108HB bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 179 page ![]() STM32W108CB, STM32W108HB Pinout and pin description Doc ID 16252 Rev 2 25/179 31 26 PB2 I/O Digital I/O SC1MISO I SPI master data in of Serial Controller 1 Select SPI with SC1_MODE Select master with SC1_SPICR SC1MOSI I SPI slave data in of Serial Controller 1 Select SPI with SC1_MODE Select slave with SC1_SPICR SC1SCL I/O TWI clock of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[5] Select TWI with SC1_MODE Select alternate open-drain output function with GPIO_PBCFGL[11:8] SC1RXD I UART receive data of Serial Controller 1 Select UART with SC1_MODE TIM2_CH2 (see also Pin 25) O Timer 2 channel 2 output Enable remap with TIM2_OR[5] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PBCFGL[11:8] I Timer 2 channel 2 input. Enable remap with TIM2_OR[5]. 32 27 SWCLK I/O Serial Wire clock input/output with debugger Selected when in Serial Wire mode (see JTMS description, Pin 35) JTCK I JTAG clock input from debugger Selected when in JTAG mode (default mode, see JTMS description, Pin 35) Internal pull-down is enabled 33 28 PC2 I/O Digital I/O Enable with GPIO_DBGCFG[5] JTDO O JTAG data out to debugger Selected when in JTAG mode (default mode, see JTMS description, Pin 35) SWO O Serial Wire Output asynchronous trace output to debugger Select asynchronous trace interface in ARM core Enable trace interface in ARM core Select alternate output function with GPIO_PCCFGL[11:8] Enable Serial Wire mode (see JTMS description, Pin 35) Internal pull-up is enabled Table 1. Pin descriptions (continued) 48-Pin Packag e Pin no. 40-Pin Packag e Pin no. Signal Direction Description |