công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM5310PAP bảng dữ liệu(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM5310PAP
Giải thích chi tiết về linh kiện  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP bảng dữ liệu(HTML) 80 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 76Page - Texas Instruments PCM5310PAP Datasheet HTML 77Page - Texas Instruments PCM5310PAP Datasheet HTML 78Page - Texas Instruments PCM5310PAP Datasheet HTML 79Page - Texas Instruments PCM5310PAP Datasheet HTML 80Page - Texas Instruments PCM5310PAP Datasheet HTML 81Page - Texas Instruments PCM5310PAP Datasheet HTML 82Page - Texas Instruments PCM5310PAP Datasheet HTML 83Page - Texas Instruments PCM5310PAP Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 103 page
background image
Register 105 (69h)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
105
69h
DATA selection of PORT-3 and PORT-4
DTS4[3:0]
DTS3[3:0]
DTS4[3:0]: DATA Selection of PORT-4 (MUX_P4DT)
These bits are used for routing DATA of PORT-4. Any combination of DATA1 to DATA6 and DATA of ADCs in
master mode can be connected to PORT-4. Refer to Figure 49 for more details.
Default value: 0011
0000
Output DATA1
0001
Output DATA2
0010
Output DATA3
0011
Input DATA4 (default)
0100
Output DATA5
0101
Output DATA6
0110
Output GPIO1
0111
Output GPIO2
1000
Output DATA from ADC12
1001
Output DATA from ADC34
Others
Reserved
DTS3[3:0]: DATA Selection of PORT-3 (MUX_P3DT)
These bits are used for routing DATA of PORT-3. Any combination of DATA1 to DATA6 and DATA of ADCs in
master mode can be connected to PORT-3. Refer to Figure 50 for more details.
Default value: 0010
0000
Output DATA1
0001
Output DATA2
0010
Input DATA3 (default)
0011
Output DATA4
0100
Output DATA5
0101
Output DATA6
0110
Output GPIO1
0111
Output GPIO2
1000
Output DATA from ADC12
1001
Output DATA from ADC34
Others
Reserved
80
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com