công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM5310PAP bảng dữ liệu(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM5310PAP
Giải thích chi tiết về linh kiện  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP bảng dữ liệu(HTML) 78 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 74Page - Texas Instruments PCM5310PAP Datasheet HTML 75Page - Texas Instruments PCM5310PAP Datasheet HTML 76Page - Texas Instruments PCM5310PAP Datasheet HTML 77Page - Texas Instruments PCM5310PAP Datasheet HTML 78Page - Texas Instruments PCM5310PAP Datasheet HTML 79Page - Texas Instruments PCM5310PAP Datasheet HTML 80Page - Texas Instruments PCM5310PAP Datasheet HTML 81Page - Texas Instruments PCM5310PAP Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 103 page
background image
Register 104 (68h)
LRCK4
BCK4
LRCK1
BCK1
LRCK2
BCK2
LRCK3
BCK3
LRCK,BCKfromADC12atMaster
LRCK,BCKfromADC34atMaster
LRCK,BCKfromDAC12atMaster
DATAfromGPIO1
DATAfromADC12
LRCK,BCKfromDAC34atMaster
DATAfromGPIO2
DATAfromADC34
SCK4
SCK1
SCK2
SCK3
DATA4
DATA1
DATA2
DATA3
LRCK/BCKtoMUX_ADCxxandMUXDACxx
SCKtoMUX_ADCxxandMUXDACxx
DATAtoMUXDACxx
LRCK5
BCK5
LRCK6
BCK6
SCK5
SCK6
DATA5
DATA6
Register105
DTS4[3:0]
Register106
SCS1[2:0]
Register104
LBS4[3:0]
PORT-4
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
104
68h
LRCK/BCK selection of PORT-3 and PORT-4
LBS4[3:0]
LBS3[3:0]
LBS4[3:0]: LRCK/BCK Selection of PORT-4 (MUX_P4BL)
These bits are used for routing LRCK and BCK of PORT-4. Any combination of LRCK1/BCK1 to LRCK6/BCK6
and LRCK/BCK of ADCs/DACs in master mode can be connected to PORT-4. Figure 49 shows a detailed
diagram of PORT-4.
Default value: 0011
0000
Output LRCK1 and BCK1
0001
Output LRCK2 and BCK2
0010
Output LRCK3 and BCK3
0011
Input LRCK4 and BCK4 (default)
0100
Output LRCK5 and BCK5
0101
Output LRCK6 and BCK6
0110
Output LRCK and BCK from DAC12 in master mode
0111
Output LRCK and BCK from DAC34 in master mode
1000
Output LRCK and BCK from ADC12 in master mode
1001
Output LRCK and BCK from ADC34 in master mode
Others
Reserved
Figure 49. Detailed Diagram of PORT-4
78
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com