công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM5310PAP bảng dữ liệu(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM5310PAP
Giải thích chi tiết về linh kiện  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP bảng dữ liệu(HTML) 47 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 43Page - Texas Instruments PCM5310PAP Datasheet HTML 44Page - Texas Instruments PCM5310PAP Datasheet HTML 45Page - Texas Instruments PCM5310PAP Datasheet HTML 46Page - Texas Instruments PCM5310PAP Datasheet HTML 47Page - Texas Instruments PCM5310PAP Datasheet HTML 48Page - Texas Instruments PCM5310PAP Datasheet HTML 49Page - Texas Instruments PCM5310PAP Datasheet HTML 50Page - Texas Instruments PCM5310PAP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
PAFE: Power Up/Down Control for Input Mux and Gain Amplifier
This bit powers up/down the input mux and the gain amplifier.
Default value: 1
0
Power up
1
Power down (default)
PABE: Power Up/Down Control for Output Mux, Line Amp, and Headphone Amplifier
This bit powers up/down the output mux, the line amplifiers, and the headphone amplifier.
Default value: 1
0
Power up
1
Power down (default)
PCOM: Power Up/Down Control for Common Voltage Circuit
This bit powers up/down the common voltage circuit for the ADC and DAC channels.
Default value: 1
0
Power up
1
Power down (default)
PDTM[2:0]: Power Up/Down Time Control
The power-up time selection for the PCM5310 can be from ground level to common voltage for analog outputs.
The power-down time selection can be from the common voltage to ground level for analog outputs at the power
on/off sequence. The time described in Figure 32 is defined for a 48-kHz sampling rate. Set bits PDCF[1:0] in
Register 17 when the sampling rate is more than 48 kHz at the power up/down sequence.
Default value: 001
PDTM[2:0]
POWER-UP TIME
POWER-DOWN TIME
000
37.5 ms
75 ms
001
75 ms (default)
150 ms
010
150 ms
300 ms
011
300 ms
600 ms
100
1000 ms
2000 ms
101
Reserved
Reserved
110
Reserved
Reserved
111
Reserved
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com