công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM5310PAP bảng dữ liệu(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM5310PAP
Giải thích chi tiết về linh kiện  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 37Page - Texas Instruments PCM5310PAP Datasheet HTML 38Page - Texas Instruments PCM5310PAP Datasheet HTML 39Page - Texas Instruments PCM5310PAP Datasheet HTML 40Page - Texas Instruments PCM5310PAP Datasheet HTML 41Page - Texas Instruments PCM5310PAP Datasheet HTML 42Page - Texas Instruments PCM5310PAP Datasheet HTML 43Page - Texas Instruments PCM5310PAP Datasheet HTML 44Page - Texas Instruments PCM5310PAP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 103 page
background image
REGISTER MAP
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
The mode control register map is shown in Table 30. Each register includes an index (or address) indicated by
the IDX[6:0] bits.
Table 30. Mode Control Register Map
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
01
01h
Reset function
MRST
SRST
RSV(1)
RSV
RSV
RSV
RSV
RSV
08
08h
GPIO pin output control
RSV
RSV
RSV
RSV
RSV
GPO3
GPO2
GPO1
09
09h
GPIO PORT-1 selection
RSV
RSV
RSV
GSL1[4:0]
10
0Ah
GPIO PORT-2 selection
RSV
RSV
RSV
GSL2[4:0]
11
0Bh
GPIO PORT-3 selection
RSV
RSV
RSV
GSL3[4:0]
12
0Ch
Not assigned
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
13
0Dh
Headphone short-circuit protection enable/disable
RSV
SRCR
SHCR
SPDR
RSV
SRCL
SHCL
SPDL
14
0Eh
Headphone short-circuit protection detect time
RSV
RSV
SDTR[1:0]
RSV
RSV
SDTL[1:0]
Headphone short-circuit protection release time, auto
15
0Fh
RSV
SADR
SRTR[1:0]
RSV
SADL
SRTL[1:0]
control
16
10h
Headphone short-circuit protection status read
RSV
RSV
RSV
SSHR
RSV
RSV
RSV
SSHL
17
11h
Power up/down (bias)
PBIS
RSV
RSV
RSV
RSV
PDCF[1:0]
PDCS
18
12h
Power up/down (analog), power up/down time
RSV
PABE
PAFE
PCOM
RSV
PDTM[2:0]
19
13h
Mute control linked to AMUTE pin
MD12
MD34
MHPR
MHPL
ML2R
ML2L
ML1R
ML1L
20
14h
Analog input mux selection for ADC12
RSV
AX1R[2:0]
RSV
AX1L[2:0]
21
15h
Analog input mux selection for ADC34
RSV
AX2R[2:0]
RSV
AX2L[2:0]
22
16h
Analog input gain control for ADC12
RSV
RSV
AG1R[1:0]
RSV
RSV
AG1L[1:0]
23
17h
Analog input gain control for ADC12
RSV
RSV
AG2R[1:0]
RSV
RSV
AG2L[1:0]
24
18h
Analog output mux selection for line output 1
AL1R[3:0]
AL1L[3:0]
25
19h
Analog output mux selection for line output 2
AL2R[3:0]
AL2L[3:0]
26
1Ah
Analog output mux selection for headphone output
AHPR[3:0]
AHPL[3:0]
27
1Bh
Gain control for line output
GL2R[1:0]
GL2L[1:0]
GL1R[1:0]
GL1L[1:0]
28
1Ch
2.0 VRMS and 2.4 VRMS selection for line output
RSV
RSV
RSV
G242
RSV
RSV
RSV
G241
29
1Dh
Clock halt detection control
RSV
RSV
RSV
RSV
RSV
RSV
ACTH
CHDE
30
1Eh
Headphone output volume control
HUPE
RSV
HSUR
HSUL
RSV
RSV
RSV
HZRS
Headphone mute and volume level setting for
31
1Fh
HMUL
HVOL[6:0]
R-channel
Headphone mute and volume level setting for
32
20h
HMUR
HVOR[6:0]
L-channel
33
21h
System clock output disable
RSV
RSV
SC6D
SC5D
SC4D
RSV
SC2D
SC1D
34
22h
LRCK and BCK output disable at master mode
RSV
RSV
LB6D
LB5D
LB4D
LB3D
LB2D
LB1D
35
23h
Read internal flag
RSV
RD12FS[2:0]
RHMR RHML
RSV
RHPI
36
24h
Read internal flag
RSV
RD34FS[2:0]
RDM4
RDM3
RDM2
RDM1
37
25h
Read internal flag
RSV
RA12FS[2:0]
RAM4
RAM3
RAM2
RAM1
38
26h
Read internal flag
RSV
RA34FS[2:0]
RDZ4
RDZ3
RDZ2
RDZ1
39
27h
Read internal flag
CGLD
RSV
RHZR
RHZL
RAZ4
RAZ3
RAZ2
RAZ1
40
28h
Digital attenuation and mute control for DAC12
D12E
RSV
DUC2
DUC1
RSV
RSV
RSV
DZ12
41
29h
Digital gain boost and digital soft mute for DAC12
RSV
RSV
RSV
RSV
DB12[1:0]
DMU2
DMU1
42
2Ah
Digital attenuation level setting for DAC12 L-channel
DAT1[7:0]
43
2Bh
Digital attenuation level setting for DAC12 R-channel
DAT2[7:0]
44
2Ch
Master/slave interface format for DAC12
DMS12[3:0]
RSV
RSV
DFM12[1:0]
45
2Dh
De-emphasis filter control for DAC12
RSV
RSV
RSV
RSV
DM12
RSV
DF12[1:0]
46
2Eh
Power up/down, oversampling rate control for DAC12
PD12
RSV
OV12[1:0]
ZR12
RSV
RSV
RSV
(1)
RSV = reserved (write '0' data).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com