công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM5310PAP bảng dữ liệu(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM5310PAP
Giải thích chi tiết về linh kiện  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP bảng dữ liệu(HTML) 51 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 47Page - Texas Instruments PCM5310PAP Datasheet HTML 48Page - Texas Instruments PCM5310PAP Datasheet HTML 49Page - Texas Instruments PCM5310PAP Datasheet HTML 50Page - Texas Instruments PCM5310PAP Datasheet HTML 51Page - Texas Instruments PCM5310PAP Datasheet HTML 52Page - Texas Instruments PCM5310PAP Datasheet HTML 53Page - Texas Instruments PCM5310PAP Datasheet HTML 54Page - Texas Instruments PCM5310PAP Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 103 page
background image
Register 28 (1Ch)
Register 29 (1Dh)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
28
1Ch
2.0 Vrms and 2.4 Vrms selection for line output
RSV
RSV
RSV
G242
RSV
RSV
RSV
G241
G242: 2-VRMS or 2.4-VRMS Output Mode Selection for Line Output 2
G241: 2-VRMS or 2.4-VRMS Output Mode Selection for Line Output 1
The line outputs can drive a 2-VRMS or 2.4-VRMS output with 10 kΩ. The 2.4-VRMS setting is recommend for use
when the equipment requires greater than 2-VRMS output.
Default value: 0
0
2 VRMS (default)
1
2.4 VRMS
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
29
1Dh
Clock halt detection control
RSV
RSV
RSV
RSV
RSV
RSV
ACTH
CHDE
ACTH: Activate Control for Clock Halt Detection
CHDE: Enable Clock Halt Detection
ACTH is used to control the power up/down for clock halt detection and CHDE is used to enable it. Setting
ACTH = CHDE = '1' activates and enables clock halt detection.
Clock halt detection can reduce audible noise. The analog outputs are muted when the clock input to DAC12 and
DAC34 is suddenly stopped.
Default value: 0
ACTH = 0
Deactivate clock halt detection (default)
ACTH = 1
Activate clock halt detection
CHDE = 0
Clock halt detection disabled (default)
CHDE = 1
Clock halt detection enabled
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com