công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM5310PAP bảng dữ liệu(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM5310PAP
Giải thích chi tiết về linh kiện  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP bảng dữ liệu(HTML) 56 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 52Page - Texas Instruments PCM5310PAP Datasheet HTML 53Page - Texas Instruments PCM5310PAP Datasheet HTML 54Page - Texas Instruments PCM5310PAP Datasheet HTML 55Page - Texas Instruments PCM5310PAP Datasheet HTML 56Page - Texas Instruments PCM5310PAP Datasheet HTML 57Page - Texas Instruments PCM5310PAP Datasheet HTML 58Page - Texas Instruments PCM5310PAP Datasheet HTML 59Page - Texas Instruments PCM5310PAP Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
RDM4: Read Digital Mute Status for DAC34, R-Channel
RDM3: Read Digital Mute Status for DAC34, L-Channel
RDM2: Read Digital Mute Status for DAC12, R-Channel
RDM1: Read Digital Mute Status for DAC12, L-Channel
These bits are used to read the digital soft mute status for each DAC channel through the I2C port.
Default value: 1
0
Mute disabled
1
Mute enabled (default)
RAM4: Read Digital Mute Status for ADC34, R-Channel
RAM3: Read Digital Mute Status for ADC34, L-Channel
RAM2: Read Digital Mute Status for ADC12, R-Channel
RAM1: Read Digital Mute Status for ADC12, L-Channel
These bits are used to read the digital soft mute status for each ADC channel through the I2C port.
Default value: 1
0
Mute disabled
1
Mute enabled (default)
RRHZR: Read Volume Zero Cross Time Out Status for Headphone, R-Channel
RHZL: Read Volume Zero Cross Time Out Status for Headphone, L-Channel
RDZ4: Read Digital Attenuation/Mute Zero Cross Timeout Status for DAC34, R-Channel
RDZ3: Read Digital Attenuation/Mute Zero Cross Timeout Status for DAC34, L-Channel
RDZ2: Read Digital Attenuation/Mute Zero Cross Timeout Status for DAC12, R-Channel
RDZ1: Read Digital Attenuation/Mute Zero Cross Timeout Status for DAC12, L-Channel
RAZ4: Read Digital Attenuation/Mute Zero Cross Timeout Status for ADC34, R-Channel
RAZ3: Read Digital Attenuation/Mute Zero Cross Timeout Status for ADC34, L-Channel
RAZ2: Read Digital Attenuation/Mute Zero Cross Timeout Status for ADC12, R-Channel
RAZ1: Read Digital Attenuation/Mute Zero Cross Timeout Status for ADC12, L-Channel
These bits are used to read the zero-crossing timeout status of digital soft mute and digital attenuation for each
ADCs and DACs channel and for headphone output volume through the I2C port.
Default value: 0
0
not timed out (default)
1
Timed out
CGLD: Glitch Reduction Disable when Changing Clock Source
This bit disables the glitch reduction circuit, which reduces audible pop noise when changing the clock input from
any SCKx to SCKx.
Default value: 0
0
Enabled (default)
1
Disabled
56
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com