công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM5310PAP bảng dữ liệu(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM5310PAP
Giải thích chi tiết về linh kiện  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP bảng dữ liệu(HTML) 67 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 63Page - Texas Instruments PCM5310PAP Datasheet HTML 64Page - Texas Instruments PCM5310PAP Datasheet HTML 65Page - Texas Instruments PCM5310PAP Datasheet HTML 66Page - Texas Instruments PCM5310PAP Datasheet HTML 67Page - Texas Instruments PCM5310PAP Datasheet HTML 68Page - Texas Instruments PCM5310PAP Datasheet HTML 69Page - Texas Instruments PCM5310PAP Datasheet HTML 70Page - Texas Instruments PCM5310PAP Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
Registers 82 and 83 (52h and 53h)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
82
52h
Digital attenuation level setting for ADC12 L-channel
AAT1[7:0]
83
53h
Digital attenuation level setting for ADC12 R-channel
AAT2[7:0]
AAT1[7:0]: Digital Attenuation Setting for ADC12, L-Channel
AAT2[7:0]: Digital Attenuation Setting for ADC12, R-Channel
The digital attenuator of ADC12 can be independently set from 20 dB to –100 dB in 0.5-dB steps. The ADC12
output may have audible zipper noise while changing levels. This noise can be reduced by selecting zero
crossing detection (Register 80, AZ12).
Default value : 1101 0111
Table 35. Digital Attenuation Level Setting for ADC12
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
AAT1[7:0]
LEVEL
AAT1[7:0]
LEVEL
AAT1[7:0]
LEVEL
AAT1[7:0]
LEVEL
AAT2[7:0]
SETTING
AAT2[7:0]
SETTING
AAT2[7:0]
SETTING
AAT2[7:0]
SETTING
1111 1111
FF
20 dB
1100 0010
C2
–10.5 dB
1000 0101
85
–41 dB
0100 1000
48
–71.5 dB
1111 1110
FE
19.5 dB
1100 0001
C1
–11 dB
1000 0100
84
–41.5 dB
0100 0111
47
–72 dB
1111 1101
FD
19 dB
1100 0000
C0
–11.5 dB
1000 0011
83
–42 dB
0100 0110
46
–72.5 dB
1111 1100
FC
18.5 dB
1011 1111
BF
–12 dB
1000 0010
82
–42.5 dB
0100 0101
45
–73 dB
1111 1011
FB
18 dB
1011 1110
BE
–12.5 dB
1000 0001
81
–43 dB
0100 0100
44
–73.5 dB
1111 1010
FA
17.5 dB
1011 1101
BD
–13 dB
1000 0000
80
–43.5 dB
0100 0011
43
–74 dB
1111 1001
F9
17 dB
1011 1100
BC
–13.5 dB
0111 1111
7F
–44 dB
0100 0010
42
–74.5 dB
1111 1000
F8
16.5 dB
1011 1011
BB
–14 dB
0111 1110
7E
–44.5 dB
0100 0001
41
–75 dB
1111 0111
F7
16 dB
1011 1010
BA
–14.5 dB
0111 1101
7D
–45 dB
0100 0000
40
–75.5 dB
1111 0110
F6
15.5 dB
1011 1001
B9
–15 dB
0111 1100
7C
–45.5 dB
0011 1111
3F
–76 dB
1111 0101
F5
15 dB
1011 1000
B8
–15.5 dB
0111 1011
7B
–46 dB
0011 1110
3E
–76.5 dB
1111 0100
F4
14.5 dB
1011 0111
B7
–16 dB
0111 1010
7A
–46.5 dB
0011 1101
3D
–77 dB
1111 0011
F3
14 dB
1011 0110
B6
–16.5 dB
0111 1001
79
–47 dB
0011 1100
3C
–77.5 dB
1111 0010
F2
13.5 dB
1011 0101
B5
–17 dB
0111 1000
78
–47.5 dB
0011 1011
3B
–78 dB
1111 0001
F1
13 dB
1011 0100
B4
–17.5 dB
0111 0111
77
–48 dB
0011 1010
3A
–78.8 dB
1111 0000
F0
12.5 dB
1011 0011
B3
–18 dB
0111 0110
76
–48.5 dB
0011 1001
39
–79 dB
1110 1111
EF
12 dB
1011 0010
B2
–18.5 dB
0111 0101
75
–49 dB
0011 1000
38
–79.5 dB
1110 1110
EE
11.5 dB
1011 0001
B1
–19 dB
0111 0100
74
–49.5 dB
0011 0111
37
–80 dB
1110 1101
ED
11 dB
1011 0000
B0
–19.5 dB
0111 0011
73
–50 dB
0011 0110
36
–80.5 dB
1110 1100
EC
10.5 dB
1010 1111
AF
–20 dB
0111 0010
72
–50.5 dB
0011 0101
35
–81 dB
1110 1011
EB
10 dB
1010 1110
AE
–20.5 dB
0111 0001
71
– 51 dB
0011 0100
34
–81.5 dB
1110 1010
EA
9.5 dB
1010 1101
AD
–21 dB
0111 0000
70
–51.5 dB
0011 0011
33
–82 dB
1110 1001
E9
9 dB
1010 1100
AC
–21.5 dB
0110 1111
6F
–52 dB
0011 0010
32
–82.5 dB
1110 1000
E8
8.5 dB
1010 1011
AB
–22 dB
0110 1110
6E
–52.5 dB
0011 0001
31
–83 dB
1110 0111
E7
8 dB
1010 1010
AA
–22.5 dB
0110 1101
6D
–53 dB
0011 0000
30
–83.5 dB
1110 0110
E6
7.5 dB
1010 1001
A9
–23 dB
0110 1100
6C
–53.5 dB
0010 1111
2F
–84 dB
1110 0101
E5
7 dB
1010 1000
A8
–23.5 dB
0110 1011
6B
–54 dB
0010 1110
2E
–84.5 dB
1110 0100
E4
6.5 dB
1010 0111
A7
–24 dB
0110 1010
6A
–54.5 dB
0010 1101
2D
–85 dB
1110 0011
E3
6 dB
1010 0110
A6
–24.5 dB
0110 1001
69
–55 dB
0010 1100
2C
–85.5 dB
1110 0010
E2
5.5 dB
1010 0101
A5
–25 dB
0110 1000
68
–55.5 dB
0010 1011
2B
–86 dB
1110 0001
E1
5 dB dB
1010 0100
A4
–25.5 dB
0110 0111
67
–56 dB
0010 1010
2A
–86.5 dB
1110 0000
E0
4.5 dB
1010 0011
A3
–26 dB
0110 0110
66
–56.5 dB
0010 1001
29
–87 dB
1101 1111
DF
4 dB
1010 0010
A2
–26.5 dB
0110 0101
65
–57 dB
0010 1000
28
–87.5 dB
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com