công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 669 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 669 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 665Page - Renesas Technology Corp H8S/2437 Datasheet HTML 666Page - Renesas Technology Corp H8S/2437 Datasheet HTML 667Page - Renesas Technology Corp H8S/2437 Datasheet HTML 668Page - Renesas Technology Corp H8S/2437 Datasheet HTML 669Page - Renesas Technology Corp H8S/2437 Datasheet HTML 670Page - Renesas Technology Corp H8S/2437 Datasheet HTML 671Page - Renesas Technology Corp H8S/2437 Datasheet HTML 672Page - Renesas Technology Corp H8S/2437 Datasheet HTML 673Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 669 / 746 page
background image
Rev. 1.00, 09/03, page 631 of 704
Oscillator
Oscillation
stabilization
time
Reset
exception
handling
Figure 22.3 Hardware Standby Mode Timing
22.2.5
Module Stop Mode
Module stop mode can be set for individual on-chip peripheral modules.
When the corresponding MSTP bit in MSTPCR or EXMSTPCR is set to 1, module operation
stops at the end of the bus cycle and a transition is made to module stop mode. The CPU continues
operating independently.
When the corresponding MSTP bit is cleared to 0, module stop mode is cleared and the module
starts operating at the end of the bus cycle. In module stop mode, the internal states of modules
other than the PWM, PWMX, SCI, and IIC3 are retained.
After reset clearance, all modules are in module stop mode.
The module registers which are set in module stop mode cannot be read or written to.
22.3
φφφφ Clock Output Control
Output of the
φ clock can be controlled by means of the PSTOP bit in SCKCR, and DDR for the
corresponding port. When the PSTOP bit is set to 1, the
φ clock stops at the end of the bus cycle,
and
φ output goes high. φ clock output is enabled when the PSTOP bit is cleared to 0. When DDR
for the corresponding port is cleared to 0,
φ clock output is disabled and input port mode is set.
Table 22.3 shows the state of the
φ pin in each processing state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com