công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 665 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 665 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 661Page - Renesas Technology Corp H8S/2437 Datasheet HTML 662Page - Renesas Technology Corp H8S/2437 Datasheet HTML 663Page - Renesas Technology Corp H8S/2437 Datasheet HTML 664Page - Renesas Technology Corp H8S/2437 Datasheet HTML 665Page - Renesas Technology Corp H8S/2437 Datasheet HTML 666Page - Renesas Technology Corp H8S/2437 Datasheet HTML 667Page - Renesas Technology Corp H8S/2437 Datasheet HTML 668Page - Renesas Technology Corp H8S/2437 Datasheet HTML 669Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 746 page
background image
Rev. 1.00, 09/03, page 627 of 704
• Exiting Sleep Mode by STBY Pin
When the
STBY pin level is driven low, a transition is made to hardware standby mode.
22.2.3
Software Standby Mode
Transition to Software Standby Mode:
If a SLEEP instruction is executed when the SSBY bit in SBYCR is set to 1, software standby
mode is entered. In this mode, the CPU, on-chip peripheral functions, and oscillator all stop.
However, the contents of the CPU’s internal registers, on-chip RAM data, and the states of on-
chip peripheral functions other than the PWM, PWMX, SCI, IIC3, and A/D converter, and I/O
ports, are retained. Whether the address bus and bus control signals are placed in the high-
impedance state or retain the output state can be specified by the OPE bit in SBYCR.
In this mode the oscillator stops, and therefore power consumption is significantly reduced.
Clearing Software Standby Mode:
Software standby mode is cleared by an external interrupt (NMI pin, or pins
IRQ0 to IRQ7), or by
means of the
RES pin or STBY pin. Setting the SSI bit in SSIER to 1 enables IRQ0 to IRQ7 to be
used as software standby mode clearing sources.
• Clearing with Interrupt
When an NMI or IRQ0 to IRQ7 interrupt request signal is input, clock oscillation starts, and
after the elapse of the time set in bits STS2 to STS0 in SBYCR, stable clocks are supplied to
the entire LSI, software standby mode is cleared, and interrupt exception handling is started.
When clearing software standby mode with an IRQ0 to IRQ7 interrupt, set the corresponding
enable bit to 1 and ensure that no interrupt with a higher priority than interrupts IRQ0 to IRQ7
is generated. Software standby mode cannot be cleared if the interrupt has been masked on the
CPU side.
• Clearing with RES Pin
When the
RES pin is driven low, clock oscillation is started. At the same time as clock
oscillation starts, clocks are supplied to the entire LSI. Note that the
RES pin must be held low
until clock oscillation stabilizes. When the
RES pin goes high, the CPU starts reset exception
handling.
• Clearing with STBY Pin
When the
STBY pin is driven low, a transition is made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com