| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2437 bảng dữ liệu(PDF) 668 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 bảng dữ liệu(HTML) 668 Page - Renesas Technology Corp |
|
668 / 746 page ![]() Rev. 1.00, 09/03, page 630 of 704 22.2.4 Hardware Standby Mode Transition to Hardware Standby Mode: When the STBY pin is driven low, a transition is made to hardware standby mode from any mode. In hardware standby mode, all functions enter the reset state and stop operation, resulting in a significant reduction in power consumption. As long as the prescribed voltage is supplied, on-chip RAM data is retained. I/O ports are set to the high-impedance state. In order to retain on-chip RAM data, the RAME bit in SYSCR should be cleared to 0 before driving the STBY pin low. Do not change the state of the mode pins (MD2 to MD0) while this LSI is in hardware standby mode. Note: Do not set hardware standby mode during a reset at power-on. Clearing Hardware Standby Mode: Hardware standby mode is cleared by means of the STBY pin and the RES pin. When the STBY pin is driven high while the RES pin is low, the reset state is set and clock oscillation is started. Ensure that the RES pin is held low until the clock oscillator stabilizes (for details on the oscillation stabilization time, refer to table 22.2). When the RES pin is subsequently driven high, a transition is made to the program execution state via the reset exception handling state. Hardware Standby Mode Timing: Figure 22.3 shows an example of hardware standby mode timing. When the STBY pin is driven low after the RES pin has been driven low, a transition is made to hardware standby mode. Hardware standby mode is cleared by driving the STBY pin high, waiting for the oscillation stabilization time, then changing the RES pin from low to high. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |