công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 664 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 664 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 660Page - Renesas Technology Corp H8S/2437 Datasheet HTML 661Page - Renesas Technology Corp H8S/2437 Datasheet HTML 662Page - Renesas Technology Corp H8S/2437 Datasheet HTML 663Page - Renesas Technology Corp H8S/2437 Datasheet HTML 664Page - Renesas Technology Corp H8S/2437 Datasheet HTML 665Page - Renesas Technology Corp H8S/2437 Datasheet HTML 666Page - Renesas Technology Corp H8S/2437 Datasheet HTML 667Page - Renesas Technology Corp H8S/2437 Datasheet HTML 668Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 746 page
background image
Rev. 1.00, 09/03, page 626 of 704
22.2
Operation
22.2.1
Clock Division Mode
When the SCK2 to SCK0 bits in SCKCR are set to a value from B'001 to B'010, a transition is
made to clock division mode. In clock division mode, the CPU and on-chip peripheral functions
all operate on the operating clock (1/2 or 1/4) specified by bits SCK2 to SCK0.
Clock division mode is cleared by clearing all of bits SCK2 to SCK0 to 0. A transition is made to
high-speed mode at the end of the bus cycle, and clock division mode is cleared.
If a SLEEP instruction is executed while the SSBY bit in SBYCR is cleared to 0, the chip enters
sleep mode. When sleep mode is cleared by an interrupt, clock division mode is restored.
If a SLEEP instruction is executed while the SSBY bit in SBYCR is set to 1, the chip enters
software standby mode. When software standby mode is cleared by an external interrupt, clock
division mode is restored.
When the
RES pin is driven low, the reset state is entered and clock division mode is cleared. The
same applies to a reset caused by a watchdog timer overflow.
When the
STBY pin is driven low, a transition is made to hardware standby mode.
22.2.2
Sleep Mode
Transition to Sleep Mode:
When the SLEEP instruction is executed when the SSBY bit is 0 in SBYCR, the CPU enters sleep
mode. In sleep mode, CPU operation stops but the contents of the CPU’s internal registers are
retained. Other peripheral functions do not stop.
Exiting Sleep Mode:
Sleep mode is exited by any interrupt, or signals at the
RES or STBY pin.
• Exiting Sleep Mode by Interrupts
When an interrupt occurs, sleep mode is exited and interrupt exception handling starts. Sleep
mode is not exited if the interrupt is disabled, or interrupts other than NMI are masked by the
CPU.
• Exiting Sleep Mode by RES pin
Setting the
RES pin level low selects the reset state. After the stipulated reset input duration,
driving the
RES pin high starts the CPU performing reset exception handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com