công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 660 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 660 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 656Page - Renesas Technology Corp H8S/2437 Datasheet HTML 657Page - Renesas Technology Corp H8S/2437 Datasheet HTML 658Page - Renesas Technology Corp H8S/2437 Datasheet HTML 659Page - Renesas Technology Corp H8S/2437 Datasheet HTML 660Page - Renesas Technology Corp H8S/2437 Datasheet HTML 661Page - Renesas Technology Corp H8S/2437 Datasheet HTML 662Page - Renesas Technology Corp H8S/2437 Datasheet HTML 663Page - Renesas Technology Corp H8S/2437 Datasheet HTML 664Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 660 / 746 page
background image
Rev. 1.00, 09/03, page 622 of 704
22.1
Register Descriptions
The registers relating to the power-down mode are shown below. For details on the system clock
control register (SCKCR), refer to section 21.1.1, System Clock Control Register (SCKCR).
• System clock control register (SCKCR)
• Standby control register (SBYCR)
• Module stop control registers H and L (MSTPCRH, MSTPCRL)
• Extension module stop control registers H and L (EXMSTPCRH, EXMSTPCRL)
22.1.1
Standby Control Register (SBYCR)
SBYCR performs software standby mode control.
Bit
Bit Name
Initial Value
R/W
Description
7
SSBY
0
R/W
Software Standby
Specifies the transition mode after executing the
SLEEP instruction.
0: Shifts to sleep mode after the SLEEP instruction
is executed
1: Shifts to software standby mode after the
SLEEP instruction is executed
This bit does not change when clearing software
standby mode by using external interrupts and
shifting to normal operation. Write 0 to this bit
when clearing.
6
OPE
1
R/W
Output Port Enable
Specifies whether the states of the address bus
and bus control signals (
CS1 to CS3, AS/AH, RD,
HWR, LWR) are retained or set to the high-
impedance state in software standby mode.
0: In software standby mode, address bus and bus
control signals are high-impedance
1: In software standby mode, address bus and bus
control signals retain the previous states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com