công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 659 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 659 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 655Page - Renesas Technology Corp H8S/2437 Datasheet HTML 656Page - Renesas Technology Corp H8S/2437 Datasheet HTML 657Page - Renesas Technology Corp H8S/2437 Datasheet HTML 658Page - Renesas Technology Corp H8S/2437 Datasheet HTML 659Page - Renesas Technology Corp H8S/2437 Datasheet HTML 660Page - Renesas Technology Corp H8S/2437 Datasheet HTML 661Page - Renesas Technology Corp H8S/2437 Datasheet HTML 662Page - Renesas Technology Corp H8S/2437 Datasheet HTML 663Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 746 page
background image
Rev. 1.00, 09/03, page 621 of 704
Notes:
Halted (Retained) in the table means that internal register values are retained and
internal operations are suspended.
Halted (Reset) in the table means that internal register values and internal states are
initialized.
In module stop mode, only modules for which a stop setting has been made are halted
(reset or retained).
*
The internal register values are retained and internal states are initialized.
Program-halted state
Program execution state
Internal clock is duty
adjustment circuit
output clock
Reset state
pin = low
pin = high
pin = low
SSBY = 0
MSTPCR =
H'FFFF (H'FFFE),
EXMSTPCR = H'FFFF,
SSBY = 0
SSBY = 1
SCK2 to
SCK0
≠ 0
pin = high
SCK2 to
SCK0 = 0
SLEEP
instruction
: Transition after exception handling
: Power-down mode
SLEEP
instruction
Any interrupt
SLEEP
instruction
Interrupt
Hardware
standby mode
Sleep mode
(main clock)
Software
standby mode
Clock division
mode
Notes: * NMI,
to
(
to
are valid when the corresponding bit in SSIER is 1.)
1. From any state, a transition to hardware standby mode occurs when
is driven low.
2. From any state except hardware standby mode, a transition to the reset state occurs
when
is driven low.
Figure 22.1 Mode Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com