công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 671 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 671 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 667Page - Renesas Technology Corp H8S/2437 Datasheet HTML 668Page - Renesas Technology Corp H8S/2437 Datasheet HTML 669Page - Renesas Technology Corp H8S/2437 Datasheet HTML 670Page - Renesas Technology Corp H8S/2437 Datasheet HTML 671Page - Renesas Technology Corp H8S/2437 Datasheet HTML 672Page - Renesas Technology Corp H8S/2437 Datasheet HTML 673Page - Renesas Technology Corp H8S/2437 Datasheet HTML 674Page - Renesas Technology Corp H8S/2437 Datasheet HTML 675Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 746 page
background image
Rev. 1.00, 09/03, page 633 of 704
22.4
Usage Notes
22.4.1
I/O Port State
In software standby mode, I/O port states are retained. Therefore, there is no reduction in current
consumption for the output current when a high-level signal is output.
22.4.2
Current Consumption during Oscillation Stabilization Standby Period
Current consumption increases during the oscillation stabilization standby period.
22.4.3
On-Chip Peripheral Module Interrupts
Relevant interrupt operations cannot be performed in module stop mode. Consequently, if module
stop mode is entered when an interrupt has been requested, it will not be possible to clear the CPU
interrupt source. Interrupts should therefore be disabled before entering module stop mode.
22.4.4
Writing to MSTPCR, EXMSTPCR
MSTPCR and EXMSTPCR should only be written to by the CPU.
22.4.5
Notes on Clock Division Mode
The following points should be noted in clock division mode.
• Select the clock division ratio specified by the SCK2 to SCK0 bits so that the frequency of φ is
within the operation guaranteed range of clock cycle time tcyc shown in the Electrical
Characteristics. In other words, the range of
φ must be specified to 5 MHz (min.); outside of
this range (
φ < 5 MHz) must be prevented.
• All the on-chip peripheral modules operate on φ. Therefore, note that the time processing of
modules such as a timer and SCI differs before and after changing the clock division ratio. In
addition, wait time for clearing software standby mode differs by changing the clock division
ratio.
• Note that the clock output of the φ pin will be changed by changing the clock division ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com