công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 674 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 674 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 670Page - Renesas Technology Corp H8S/2437 Datasheet HTML 671Page - Renesas Technology Corp H8S/2437 Datasheet HTML 672Page - Renesas Technology Corp H8S/2437 Datasheet HTML 673Page - Renesas Technology Corp H8S/2437 Datasheet HTML 674Page - Renesas Technology Corp H8S/2437 Datasheet HTML 675Page - Renesas Technology Corp H8S/2437 Datasheet HTML 676Page - Renesas Technology Corp H8S/2437 Datasheet HTML 677Page - Renesas Technology Corp H8S/2437 Datasheet HTML 678Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 746 page
background image
Rev. 1.00, 09/03, page 636 of 704
23.1
Register Addresses (Address Order)
The data bus width indicates the numbers of bits by which the register is accessed.
The number of access states indicates the number of states based on the specified reference clock.
Register Name
Abbreviation
Number
of Bits
Address
Module
Data Bus
Width
Number of
Access
States
Interrupt priority register A
IPRA
16
H'FD80
Interrupts 16
2
Interrupt priority register B
IPRB
16
H'FD82
Interrupts 16
2
Interrupt priority register C
IPRC
16
H'FD84
Interrupts 16
2
Interrupt priority register D
IPRD
16
H'FD86
Interrupts 16
2
Interrupt priority register E
IPRE
16
H'FD88
Interrupts 16
2
Interrupt priority register F
IPRF
16
H'FD8A
Interrupts 16
2
Interrupt priority register G
IPRG
16
H'FD8C
Interrupts 16
2
Interrupt priority register H
IPRH
16
H'FD8E
Interrupts 16
2
Interrupt priority register I
IPRI
16
H'FD90
Interrupts 16
2
Interrupt priority register J
IPRJ
16
H'FD92
Interrupts 16
2
Interrupt priority register K
IPRK
16
H'FD94
Interrupts 16
2
IRQ sense control register
ISCR
16
H'FD96
Interrupts 16
2
Software standby release IRQ
enable register
SSIER
8
H'FD98
Interrupts 16
2
Interrupt control register
INTCR
8
H'FD99
Interrupts 16
2
IRQ enable register
IER
8
H'FD9A
Interrupts 16
2
IRQ status register
ISR
8
H'FD9B
Interrupts 16
2
Serial mode register_0
SMR_0
8
H'FDB0
SCI_0
8
2
Bit rate register_0
BRR_0
8
H'FDB1
SCI_0
8
2
Serial control register_0
SCR_0
8
H'FDB2
SCI_0
8
2
Transmit data register_0
TDR_0
8
H'FDB3
SCI_0
8
2
Serial status register_0
SSR_0
8
H'FDB4
SCI_0
8
2
Receive data register_0
RDR_0
8
H'FDB5
SCI_0
8
2
Serial interface mode register_0
SCMR_0
8
H'FDB6
SCI_0
8
2
Serial mode register_1
SMR_1
8
H'FDB8
SCI_1
8
2
Bit rate register_1
BRR_1
8
H'FDB9
SCI_1
8
2
Serial control register_1
SCR_1
8
H'FDBA
SCI_1
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com