công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 673 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 673 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 669Page - Renesas Technology Corp H8S/2437 Datasheet HTML 670Page - Renesas Technology Corp H8S/2437 Datasheet HTML 671Page - Renesas Technology Corp H8S/2437 Datasheet HTML 672Page - Renesas Technology Corp H8S/2437 Datasheet HTML 673Page - Renesas Technology Corp H8S/2437 Datasheet HTML 674Page - Renesas Technology Corp H8S/2437 Datasheet HTML 675Page - Renesas Technology Corp H8S/2437 Datasheet HTML 676Page - Renesas Technology Corp H8S/2437 Datasheet HTML 677Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 673 / 746 page
background image
Rev. 1.00, 09/03, page 635 of 704
Section 23 List of Registers
The register list gives information on the on-chip I/O register addresses, how the register bits are
configured, and the register states in each operating mode. The information is given as shown
below.
1. Register Addresses (Address Order)
• Registers are listed from the lower allocation addresses.
• The MSB-side address is indicated for 16-bit addresses.
• Registers are classified by functional modules.
• The access size is indicated.
2. Register Bits
• Bit configurations of the registers are described in the same order as the Register Addresses
(Address Order) above.
• Reserved bits are indicated by  in the bit name column.
• The bit number in the bit-name column indicates that the whole register is allocated as a
counter or for holding data.
• Each line covers eight bits, so 16-bit registers are shown as 2 lines.
3. Register States in Each Operating Mode
• Register states are described in the same order as the Register Addresses (Address Order)
above.
• The register states described here are for the basic operating modes. If there is a specific reset
for an on-chip peripheral module, refer to the section on that on-chip peripheral module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com