công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 639 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 639 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 635Page - Renesas Technology Corp H8S/2437 Datasheet HTML 636Page - Renesas Technology Corp H8S/2437 Datasheet HTML 637Page - Renesas Technology Corp H8S/2437 Datasheet HTML 638Page - Renesas Technology Corp H8S/2437 Datasheet HTML 639Page - Renesas Technology Corp H8S/2437 Datasheet HTML 640Page - Renesas Technology Corp H8S/2437 Datasheet HTML 641Page - Renesas Technology Corp H8S/2437 Datasheet HTML 642Page - Renesas Technology Corp H8S/2437 Datasheet HTML 643Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 746 page
background image
Rev. 1.00, 09/03, page 601 of 704
When there are less than 128 bytes of data to be programmed, the host should fill the rest with
H'FF.
Sending the 128-byte programming command with the address of H'FFFFFFFF will stop the
programming operation. The boot program will interpret this as the end of the programming and
wait for selection of programming or erasing.
Command
H'50
Address
SUM
• Command, H'50, (one byte): 128-byte programming
• Programming address (four bytes): End code is H'FF, H'FF, H'FF, H'FF.
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to 128-byte programming
On completion of programming, ACK will be returned.
Error Response
H'D0
ERROR
• Error response, H'D0, (one byte): Error response for 128-byte programming
• ERROR: (one byte): Error code
H'11:
Checksum error
H'53:
Programming error
An error has occurred in programming and programming cannot be continued.
(10) Erasure
Erasure is performed with the erasure selection and block erasure commands.
Firstly, erasure is selected by the erasure selection command and the boot program then erases the
specified block by a block-erasure command. The block-erasure command should be repeatedly
executed if two or more blocks are to be erased. Sending a block-erasure command from the host
with the block number H'FF will stop the erasure operating. On completion of erasing, the boot
program will wait for selection of programming or erasing.
The sequences of erasure selection commands and block erasure commands are shown in figure
20.24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com