| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2437 bảng dữ liệu(PDF) 635 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 bảng dữ liệu(HTML) 635 Page - Renesas Technology Corp |
|
635 / 746 page ![]() Rev. 1.00, 09/03, page 597 of 704 Error Response H'C0 H'51 • Error response, H'C0, (one byte): Error response for user boot MAT blank check • Error code, H'51, (one byte): Erasing error An error occurred and erasure was not completed. (7) Command Error A command error will occur when a command is undefined, the order of commands is incorrect, or a command is unacceptable. Issuing a clock-mode selection command before a device selection or an inquiry command after the transition to programming/erasing state command, is an example. Error Response H'80 H'xx • Error response, H'80, (one byte): Command error • Command, H'xx, (one byte): Received command (8) Command Order The order for commands in the inquiry selection state is shown below. 1. A supported device inquiry (H'20) should be made to inquire about the supported devices. 2. The device should be selected from among those described by the returned information and set with a device-selection (H'10) command. 3. A clock-mode inquiry (H'21) should be made to inquire about the supported clock modes. 4. The clock mode should be selected from among those described by the returned information and set. 5. After selection of the device and clock mode, inquiries for other required information should be made, such as the multiplication-ratio inquiry (H'22) or operating frequency inquiry (H'23), which are needed for a new bit-rate selection. 6. A new bit rate should be selected with the new bit-rate selection (H'3F) command, according to the returned information on multiplication ratios and operating frequencies. 7. After selection of the device and clock mode, inquire the information of the user boot MAT and user MAT with the user boot MATs information inquiry (H'24), user MATs information inquiry (H'25), erased block information inquiry (H'26), and programming unit inquiry (H'27). 8. After making inquiries and selecting a new bit rate, issue the transition to programming/erasing state command (H'40). The boot program will then enter the programming/erasing state. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |