công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 633 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 633 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 629Page - Renesas Technology Corp H8S/2437 Datasheet HTML 630Page - Renesas Technology Corp H8S/2437 Datasheet HTML 631Page - Renesas Technology Corp H8S/2437 Datasheet HTML 632Page - Renesas Technology Corp H8S/2437 Datasheet HTML 633Page - Renesas Technology Corp H8S/2437 Datasheet HTML 634Page - Renesas Technology Corp H8S/2437 Datasheet HTML 635Page - Renesas Technology Corp H8S/2437 Datasheet HTML 636Page - Renesas Technology Corp H8S/2437 Datasheet HTML 637Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 633 / 746 page
background image
Rev. 1.00, 09/03, page 595 of 704
H'11:
Checksum error
H'24:
Bit-rate selection error
The rate is not available.
H'25:
Error in input frequency
This input frequency is not within the specified range.
H'26:
Multiplication-ratio error
The ratio does not match an available ratio.
H'27:
Operating frequency error
The frequency is not within the specified range.
(5) Received Data Check
The methods for checking of received data are listed below.
1. Input Frequency
The received value of the input frequency is checked to ensure that it is within the range of
minimum to maximum frequencies which matches the clock modes of the specified device.
When the value is out of this range, an input-frequency error is generated.
2. Multiplication Ratio
The received value of the multiplication ratio or division ratio is checked to ensure that it
matches the clock modes of the specified device. When the value is out of this range, a
multiplication-ratio error is generated.
3. Operating Frequency
Operating frequency is calculated from the received value of the input frequency and the
multiplication or division ratio. The input frequency is input to the LSI and the LSI is operated
at the operating frequency. The expression is given below.
Operating frequency = Input frequency
× Multiplication ratio, or
Operating frequency = Input frequency
÷ Division ratio
The calculated operating frequency should be checked to ensure that it is within the range of
minimum to maximum frequencies which is available with the clock modes of the specified
device. When it is out of this range, an operating frequency error is generated.
4. Bit Rate
The value (n) of the clock select bit (CKS) in the serial mode register (SMR), and the value
(N) in the bit rate register (BRR), which are found from the peripheral operating clock
frequency (
φ) and bit rate (B), are used to calculate the error rate to ensure that it is less than
4%. If the error is more than 4%, a bit rate error is generated. The error is calculated using the
following expression:
Error (%) = {[
]
− 1} × 100
(N + 1)
× B × 64 × 2(2×n − 1)
φ × 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com