công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 630 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 630 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 626Page - Renesas Technology Corp H8S/2437 Datasheet HTML 627Page - Renesas Technology Corp H8S/2437 Datasheet HTML 628Page - Renesas Technology Corp H8S/2437 Datasheet HTML 629Page - Renesas Technology Corp H8S/2437 Datasheet HTML 630Page - Renesas Technology Corp H8S/2437 Datasheet HTML 631Page - Renesas Technology Corp H8S/2437 Datasheet HTML 632Page - Renesas Technology Corp H8S/2437 Datasheet HTML 633Page - Renesas Technology Corp H8S/2437 Datasheet HTML 634Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 630 / 746 page
background image
Rev. 1.00, 09/03, page 592 of 704
Response
H'34
Size
Number of areas
Area-start address
Area-last address
···
SUM
• Response, H'34, (one byte): Response to user boot MAT information inquiry
• Size (one byte): The number of bytes that represents the number of areas, area-start
addresses, and area-last address
• Number of Areas (one byte): The number of consecutive user boot MAT areas
When user boot MAT areas are consecutive, the number of areas returned is H'01.
• Area-start address (four bytes): Start address of the area
• Area-last address (four bytes): Last address of the area
There are as many groups of data representing the start and last addresses as there are
areas.
• SUM (one byte): Checksum
(h) User MAT Information Inquiry
The boot program will return the number of user MATs and their addresses.
Command
H'25
• Command, H'25, (one byte): Inquiry regarding user MAT information
Response
H'35
Size
Number of areas
Area-start address
Area-last address
···
SUM
• Response, H'35, (one byte): Response to the user MAT information inquiry
• Size (one byte): The number of bytes that represents the number of areas, area-start address
and area-last address
• Number of areas (one byte): The number of consecutive user MAT areas
When the user MAT areas are consecutive, the number of areas is H'01.
• Area-start address (four bytes): Start address of the area
• Area-last address (four bytes): Last address of the area
There are as many groups of data representing the start and last addresses as there are
areas.
• SUM (one byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com