công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 627 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 627 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 623Page - Renesas Technology Corp H8S/2437 Datasheet HTML 624Page - Renesas Technology Corp H8S/2437 Datasheet HTML 625Page - Renesas Technology Corp H8S/2437 Datasheet HTML 626Page - Renesas Technology Corp H8S/2437 Datasheet HTML 627Page - Renesas Technology Corp H8S/2437 Datasheet HTML 628Page - Renesas Technology Corp H8S/2437 Datasheet HTML 629Page - Renesas Technology Corp H8S/2437 Datasheet HTML 630Page - Renesas Technology Corp H8S/2437 Datasheet HTML 631Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 627 / 746 page
background image
Rev. 1.00, 09/03, page 589 of 704
• Device code (four bytes): Device code (ASCII code) returned in response to the supported
device inquiry
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to the device selection command
ACK will be returned when the device code matches.
Error response
H'90
ERROR
• Error response, H'90, (one byte): Error response to the device selection command
ERROR
: (one byte): Error code
H'11: Checksum error
H'21: Device code error, that is, the device code does not match
(c) Clock Mode Inquiry
The boot program will return the supported clock modes in response to the clock mode inquiry.
Command
H'21
• Command, H'21, (one byte): Inquiry regarding clock mode
Response
H'31
Size
Number of modes
Mode
···
SUM
• Response, H'31, (one byte): Response to the clock-mode inquiry
• Size (one byte): Amount of data that represents the number of modes and modes
• Number of clock modes (one byte): The number of supported clock modes
H'00 indicates no clock mode or the device allows to read the clock mode.
• Mode (one byte): Values of the supported clock modes (i.e. H'01 means clock mode 1.)
• SUM (one byte): Checksum
(d) Clock Mode Selection
The boot program will set the specified clock mode. The program will return the selected clock-
mode information in response to the inquiry after this setting has been made.
The clock-mode selection command should be transmitted after the device-selection commands.
Command
H'11
Size
Mode
SUM
• Command, H'11, (one byte): Selection of clock mode
• Size (one byte): Amount of data that represents the modes. This is fixed to 1.
• Mode (one byte): A clock mode returned in response to the supported clock mode inquiry.
• SUM (one byte): Checksum
Response
H'06
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com