công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 624 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 624 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 620Page - Renesas Technology Corp H8S/2437 Datasheet HTML 621Page - Renesas Technology Corp H8S/2437 Datasheet HTML 622Page - Renesas Technology Corp H8S/2437 Datasheet HTML 623Page - Renesas Technology Corp H8S/2437 Datasheet HTML 624Page - Renesas Technology Corp H8S/2437 Datasheet HTML 625Page - Renesas Technology Corp H8S/2437 Datasheet HTML 626Page - Renesas Technology Corp H8S/2437 Datasheet HTML 627Page - Renesas Technology Corp H8S/2437 Datasheet HTML 628Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 624 / 746 page
background image
Rev. 1.00, 09/03, page 586 of 704
Command or response
Size
Data
Checksum
Error response
Error code
Command or response
Error response
n-byte command or
n-byte response
One-byte command
or one-byte response
Address
Command
Data (n bytes)
Checksum
128-byte programming
Size
Response
Data
Checksum
Memory read
response
Figure 20.21 Communication Protocol Format
• Command (one byte): Commands including inquiries, selection, programming, erasing, and
checking
• Response (one byte): Response to an inquiry
• Size (one byte): The amount of data for transfer excluding the command, amount of data, and
checksum
• Checksum (one byte): The checksum is calculated so that the total of all values from the
command byte to the SUM byte becomes H
′00.
• Error response (one byte): Error response to a command
• Error code (one byte): Type of the error
• Address (four bytes): Address for programming
• Data (n bytes): Data to be programmed (The size is indicated in the response to the
programming unit inquiry.)
• Size (four bytes): Four-byte response to a memory read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com