công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 625 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 625 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 621Page - Renesas Technology Corp H8S/2437 Datasheet HTML 622Page - Renesas Technology Corp H8S/2437 Datasheet HTML 623Page - Renesas Technology Corp H8S/2437 Datasheet HTML 624Page - Renesas Technology Corp H8S/2437 Datasheet HTML 625Page - Renesas Technology Corp H8S/2437 Datasheet HTML 626Page - Renesas Technology Corp H8S/2437 Datasheet HTML 627Page - Renesas Technology Corp H8S/2437 Datasheet HTML 628Page - Renesas Technology Corp H8S/2437 Datasheet HTML 629Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 625 / 746 page
background image
Rev. 1.00, 09/03, page 587 of 704
(4) Inquiry/Selection States
The boot program returns information from the flash memory in response to the host’s inquiry
commands and selects the device code, clock mode, and bit rate in response to the host’s selection
command.
Inquiry/selection commands are listed below.
Table 20.11 Inquiry/Selection Commands
Command Command Name
Description
H'20
Supported device
inquiry
Inquiry regarding device codes and product names
H'10
Device selection
Selection of device code
H'21
Clock mode inquiry
Inquiry regarding the number of clock modes and values of each
mode
H'11
Clock mode
selection
Indication of the selected clock mode
H'22
Multiplication ratio
inquiry
Inquiry regarding the number of frequency-multiplied clock types,
the number of multiplication ratios, and the values of each
multiple
H'23
Operating clock
frequency inquiry
Inquiry regarding the maximum and minimum values of the main
clock and peripheral clocks
H'24
User boot MAT
information inquiry
Inquiry regarding the number of user boot MATs and the start
and last addresses of each MAT
H'25
User MAT
information inquiry
Inquiry regarding the number of user MATs and the start and last
addresses of each MAT
H'26
Erasing block
information inquiry
Inquiry regarding the number of blocks and the start and last
addresses of each block
H'27
Programming unit
inquiry
Inquiry regarding the unit of programming data
H'3F
New bit rate
selection
Selection of new bit rate
H'40
Transition to
programming/erasin
g state
Erasing of user MAT and user boot MAT, and entry to
programming/erasing state
H'4F
Boot program status
inquiry
Inquiry regarding the operating state of the boot program
The selection commands, which are device selection (H'10), clock mode selection (H'11), and new
bit rate selection (H'3F), should be transmitted from the host in that order. These commands will
certainly be needed. When two or more selection commands are transmitted at once, the last
command will be valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com