công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 626 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 626 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 622Page - Renesas Technology Corp H8S/2437 Datasheet HTML 623Page - Renesas Technology Corp H8S/2437 Datasheet HTML 624Page - Renesas Technology Corp H8S/2437 Datasheet HTML 625Page - Renesas Technology Corp H8S/2437 Datasheet HTML 626Page - Renesas Technology Corp H8S/2437 Datasheet HTML 627Page - Renesas Technology Corp H8S/2437 Datasheet HTML 628Page - Renesas Technology Corp H8S/2437 Datasheet HTML 629Page - Renesas Technology Corp H8S/2437 Datasheet HTML 630Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 626 / 746 page
background image
Rev. 1.00, 09/03, page 588 of 704
All of these commands, except for the boot program status inquiry command (H'4F), will be valid
until the boot program receives the transition to programming/erasing state command (H'40). The
host can select the needed commands out of the commands listed above and inquire them. The
boot program status inquiry command (H'4F) is valid after the boot program has received the
transition to programming/erasing state command (H'40).
(a) Supported Device Inquiry
The boot program will return the device codes of supported devices and the product name in
response to the supported device inquiry.
Command
H'20
• Command, H'20, (one byte): Inquiry regarding supported devices
Response
H'30
Size
Number of devices
Number of
characters
Device code
Product name
···
SUM
• Response, H'30, (one byte): Response to the supported device inquiry
• Size (one byte): Number of bytes to be transferred, excluding the command, size, and
checksum, that is, the amount of data consists of the number of devices, characters, device
codes, and product names
• Number of devices (one byte): The number of device types supported by the boot program
• Number of characters (one byte): The number of characters in the device codes and boot
program’s name
• Device code (four bytes): ASCII code of the supported product name
• Product name (n bytes): Type name of the boot program in ASCII-coded characters
• SUM (one byte): Checksum
• The checksum is calculated so that the total number of all values from the command byte to
the SUM byte becomes H'00.
(b) Device Selection
The boot program will set the supported device to the specified device code. The program will
return the selected device code in response to the inquiry after this setting has been made.
Command
H'10
Size
Device code
SUM
• Command, H'10, (one byte): Device selection
• Size (one byte): Amount of device-code data
This is fixed to 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com