| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2437 bảng dữ liệu(PDF) 623 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 bảng dữ liệu(HTML) 623 Page - Renesas Technology Corp |
|
623 / 746 page ![]() Rev. 1.00, 09/03, page 585 of 704 (2) Bit-Rate-Adjustment State The bit rate is calculated by measuring the period of transfer of a low-level byte (H'00) from the host. The bit rate can be changed by the command for a new bit rate selection. After the bit rate has been adjusted, the boot program enters the inquiry/selection state. The bit-rate-adjustment sequence is shown in figure 20.20. Host Boot Program H'00 (30 times maximum) H'E6 (Boot response) Measuring the 1-bit length H'00 (Completion of adjustment) H'55 (H'FF (error)) Figure 20.20 Bit-Rate-Adjustment Sequence (3) Communication Protocol After adjustment of the bit rate, the protocol for serial communications between the host and the boot program is as shown below. 1. One-Byte Commands and One-Byte Responses These commands and responses are comprised of a single byte. These are consists of the inquiries and the ACK for successful completion. 2. n-Byte Commands or n-Byte Responses These commands and responses are comprised of n bytes of data. These are selections and responses to inquiries. The amount of programming data is not included under this heading because it is determined in another command. 3. Error Response The error response is a response to inquiries. It consists of two bytes: an error response and an error code. 4. Programming of 128 Bytes The size is not specified in commands. The size is indicated in response to the programming unit inquiry. 5. Memory Read Response This response consists of four bytes. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |