công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 632 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 632 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 628Page - Renesas Technology Corp H8S/2437 Datasheet HTML 629Page - Renesas Technology Corp H8S/2437 Datasheet HTML 630Page - Renesas Technology Corp H8S/2437 Datasheet HTML 631Page - Renesas Technology Corp H8S/2437 Datasheet HTML 632Page - Renesas Technology Corp H8S/2437 Datasheet HTML 633Page - Renesas Technology Corp H8S/2437 Datasheet HTML 634Page - Renesas Technology Corp H8S/2437 Datasheet HTML 635Page - Renesas Technology Corp H8S/2437 Datasheet HTML 636Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 632 / 746 page
background image
Rev. 1.00, 09/03, page 594 of 704
Command
H'3F
Size
Bit rate
Input frequency
Number of
multiplication ratios
Multiplication
ratio 1
Multiplication
ratio 2
SUM
• Command, H'3F, (one byte): Selection of new bit rate
• Size (one byte): The number of bytes that represents the bit rate, input frequency, number
of multiplication ratios, and multiplication ratio
• Bit rate (two bytes): New bit rate
One hundredth of the value (e.g. when the value is 19200 bps, it will be 192, which is
H'00C0.)
• Input frequency (two bytes): Frequency of the clock input to the boot program
This is valid to the hundredths place and represents the value in MHz multiplied by 100.
(E.g. when the value is 20.00 MHz, it will be 2000, which is H'07D0.)
• Number of multiplication ratios (one byte): The number of multiplication ratios to which
the device can be set. (e.g. when there are two operating clock frequency types, which are
the main and peripheral clocks, the number of multiplication ratios will be 2.)
• Multiplication ratio 1 (one byte)
: The value of multiplication or division ratios for the
main operating frequency
Multiplication ratio: The value of the multiplication ratio (e.g. when the clock frequency is
multiplied by four, the multiplication ratio will be H'04.)
Division ratio: The inverse of the division ratio, as a negative number (e.g. when the clock
frequency is divided by two, the value of division ratio will be H'FE. H'FE = D'
−2)
• Multiplication ratio 2 (one byte): The value of multiplication or division ratios for the
peripheral frequency
Multiplication ratio: The value of the multiplication ratio (e.g. when the clock frequency is
multiplied by four, the multiplication ratio will be H
′04.)
Division ratio: The inverse of the division ratio, as a negative number (E.g. when the clock
is divided by two, the value of division ratio will be H'FE. H'FE = D'
−2)
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to selection of a new bit rate
When it is possible to set the bit rate, ACK will be returned.
Error Response
H'BF
ERROR
• Error response, H'BF, (one byte): Error response to selection of new bit rate
• ERROR: (one byte): Error code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com