công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 636 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 636 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 632Page - Renesas Technology Corp H8S/2437 Datasheet HTML 633Page - Renesas Technology Corp H8S/2437 Datasheet HTML 634Page - Renesas Technology Corp H8S/2437 Datasheet HTML 635Page - Renesas Technology Corp H8S/2437 Datasheet HTML 636Page - Renesas Technology Corp H8S/2437 Datasheet HTML 637Page - Renesas Technology Corp H8S/2437 Datasheet HTML 638Page - Renesas Technology Corp H8S/2437 Datasheet HTML 639Page - Renesas Technology Corp H8S/2437 Datasheet HTML 640Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 636 / 746 page
background image
Rev. 1.00, 09/03, page 598 of 704
(9) Programming/Erasing State
A programming selection command makes the boot program select the programming method, a
128-byte programming command makes it program the memory with data, and an erasing
selection command and block erasing command make it erase the block. The
programming/erasing commands are listed below.
Table 20.12 Programming/Erasing Commands
Command
Command Name
Description
H'42
User boot MAT programming selection Transfers the user boot MAT programming
program
H'43
User MAT programming selection
Transfers the user MAT programming
program
H'50
128-byte programming
Programs 128 bytes of data
H'48
Erasing selection
Transfers the erasing program
H'58
Block erasing
Erases a block of data
H'52
Memory read
Reads the contents of memory
H'4A
User boot MAT sum check
Checks the sum of the user boot MAT
H'4B
User MAT sum check
Checks the sum of the user MAT
H'4C
User boot MAT blank check
Checks the blank data of the user boot MAT
H'4D
User MAT blank check
Checks the blank data of the user MAT
H'4F
Boot program status inquiry
Inquires the boot program’s status
• Programming
Programming is executed by a programming-selection command and a 128-byte programming
command.
Firstly, the host should send the programming-selection command and select the programming
method and programming MATs. There are two programming selection commands, and
selection is according to the area and method for programming.
1. User boot MAT programming selection
2. User MAT programming selection
After issuing the programming selection command, the host should send the 128-byte
programming command. The 128-byte programming command that follows the selection
command represents the data programmed according to the method specified by the selection
command. When more than 128-byte data is programmed, 128-byte commands should be
executed repeatedly. Sending a 128-byte programming command with H'FFFFFFFF as the
address will stop the programming. On completion of programming, the boot program will
wait for selection of programming or erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com