công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 638 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 638 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 634Page - Renesas Technology Corp H8S/2437 Datasheet HTML 635Page - Renesas Technology Corp H8S/2437 Datasheet HTML 636Page - Renesas Technology Corp H8S/2437 Datasheet HTML 637Page - Renesas Technology Corp H8S/2437 Datasheet HTML 638Page - Renesas Technology Corp H8S/2437 Datasheet HTML 639Page - Renesas Technology Corp H8S/2437 Datasheet HTML 640Page - Renesas Technology Corp H8S/2437 Datasheet HTML 641Page - Renesas Technology Corp H8S/2437 Datasheet HTML 642Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 638 / 746 page
background image
Rev. 1.00, 09/03, page 600 of 704
Command
H'43
• Command, H'43, (one byte): User MAT programming selection
Response
H'06
• Response, H'06, (one byte): Response to user MAT programming selection
When the programming program has been transferred, ACK will be returned.
Error Response
H'C3
ERROR
• Error response: H'C3 (one byte): Error response to user MAT programming selection
• ERROR: (one byte): Error code
H'54: Selection processing error (transfer error occurs and processing is not completed)
(b) 128-Byte Programming
The boot program will use the programming program transferred by the programming selection to
program the user boot MATs or user MATs in response to 128-byte programming.
Command
H'50
Address
Data
···
···
SUM
• Command, H'50, (one byte): 128-byte programming
• Programming address (four bytes): Start address for programming
Multiple of the size specified in response to the programming unit inquiry
(i.e. H'00, H'01, H'00, H'00: H'010000)
• Programming data (128 bytes): Data to be programmed
The size is specified in the response to the programming unit inquiry.
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to 128-byte programming
On completion of programming, ACK will be returned.
Error Response
H'D0
ERROR
• Error response, H'D0, (one byte): Error response for 128-byte programming
• ERROR: (one byte): Error code
H'11:
Checksum Error
H'53:
Programming error
A programming error has occurred and programming cannot be continued.
The specified address should match the unit for programming of data. For example, when the
programming is in 128-byte units, the lower eight bits of the address should be H'00 or H'80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com