công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 641 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 641 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 637Page - Renesas Technology Corp H8S/2437 Datasheet HTML 638Page - Renesas Technology Corp H8S/2437 Datasheet HTML 639Page - Renesas Technology Corp H8S/2437 Datasheet HTML 640Page - Renesas Technology Corp H8S/2437 Datasheet HTML 641Page - Renesas Technology Corp H8S/2437 Datasheet HTML 642Page - Renesas Technology Corp H8S/2437 Datasheet HTML 643Page - Renesas Technology Corp H8S/2437 Datasheet HTML 644Page - Renesas Technology Corp H8S/2437 Datasheet HTML 645Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 746 page
background image
Rev. 1.00, 09/03, page 603 of 704
Response
H'06
• Response, H'06, (one byte): Response to erasure
After erasure has been completed, ACK will be returned.
Error Response
H'D8
ERROR
• Error response, H'D8, (one byte): Error response to erasure
• ERROR (one byte): Error code
H'11:
Checksum error
H'29:
Block number error
Block number is incorrect.
H'51:
Erasure error
An error has occurred during erasure.
On receiving block number H'FF, the boot program will stop erasure and wait for a selection
command.
Command
H'58
Size
Block number
SUM
• Command, H'58, (one byte): Erasure
• Size, (one byte): The number of bytes that represents the block number
This is fixed to 1.
• Block number (one byte): H'FF
Stop code for erasure
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to end of erasure (ACK)
When erasure is to be performed after the block number H'FF has been specified, the procedure
should be executed from the erasure selection command.
(11) Memory Read
The boot program will return the data in the specified address.
Command
H'52
Size
Area
Read address
Read size
SUM
• Command: H'52 (one byte): Memory read
• Size (one byte): Amount of data that represents the area, read address, and read size (fixed to
9)
• Area (one byte)
H'00: User boot MAT
H'01: User MAT
An address error occurs when the area setting is incorrect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com