công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 643 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 643 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 639Page - Renesas Technology Corp H8S/2437 Datasheet HTML 640Page - Renesas Technology Corp H8S/2437 Datasheet HTML 641Page - Renesas Technology Corp H8S/2437 Datasheet HTML 642Page - Renesas Technology Corp H8S/2437 Datasheet HTML 643Page - Renesas Technology Corp H8S/2437 Datasheet HTML 644Page - Renesas Technology Corp H8S/2437 Datasheet HTML 645Page - Renesas Technology Corp H8S/2437 Datasheet HTML 646Page - Renesas Technology Corp H8S/2437 Datasheet HTML 647Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 643 / 746 page
background image
Rev. 1.00, 09/03, page 605 of 704
Command
H'4B
• Command, H'4B, (one byte): Sum check for user MAT
Response
H'5B
Size
Checksum of MATs
SUM
• Response, H'5B, (one byte): Response to the sum check of the user MAT
• Size (one byte): The number of bytes that represents the checksum
This is fixed to 4.
• Checksum of MATs (four bytes): Checksum of user MATs
The total of the data is obtained in byte units.
• SUM (one byte): Sum check for data being transmitted
(14) User Boot MAT Blank Check
The boot program will check whether or not all user boot MATs are blank and return the result.
Command
H'4C
• Command, H'4C, (one byte): Blank check for user boot MAT
Response
H'06
• Response, H'06, (one byte): Response to the blank check of user boot MAT
If all user boot MATs are blank (H
′FF), ACK will be returned.
Error Response
H'CC
H
′52
• Error response, H'CC, (one byte): Error response to blank check for user boot MAT
• Error code, H'52, (one byte): Erasure has not been completed.
(15) User MAT Blank Check
The boot program will check whether or not all user MATs are blank and return the result.
Command
H'4D
• Command, H'4D, (one byte): Blank check for user MATs
Response
H'06
• Response, H'06, (one byte): Response to the blank check for user MATs
If all user MATs are blank (H'FF), ACK will be returned.
Error Response
H'CD
H'52
• Error Response, H'CD, (one byte): Error response to the blank check of user MATs.
• Error code, H'52, (one byte): Erasure has not been completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com