công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 601 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 601 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 597Page - Renesas Technology Corp H8S/2437 Datasheet HTML 598Page - Renesas Technology Corp H8S/2437 Datasheet HTML 599Page - Renesas Technology Corp H8S/2437 Datasheet HTML 600Page - Renesas Technology Corp H8S/2437 Datasheet HTML 601Page - Renesas Technology Corp H8S/2437 Datasheet HTML 602Page - Renesas Technology Corp H8S/2437 Datasheet HTML 603Page - Renesas Technology Corp H8S/2437 Datasheet HTML 604Page - Renesas Technology Corp H8S/2437 Datasheet HTML 605Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 746 page
background image
Rev. 1.00, 09/03, page 563 of 704
A single divided block is erased in one erasing processing. For block divisions, see figure 20.4. To
erase two or more blocks, update the erase block number and perform the erasing processing for
each block.
1. Select the on-chip program to be downloaded
Set the EPVB bit in FECS to 1.
Several programming/erasing programs cannot be selected at one time. If several programs are
set, download is not performed and a download error is returned to the SS bit in DPFR.
Specify the start address of a download destination by FTDAR.
The procedures to be carried out after setting FKEY, e.g. download and initialization, are the
same as those in the programming procedure. For details, see section 20.4.2 (2), Programming
Procedure in User Program Mode.
The procedures after setting parameters for erasing programs are as follows:
2. Set FEBS necessary for erasure
Set the erase block number of the user MAT to the flash erase block select parameter FEBS
(general register ER0). If a value other than an erase block number of the user MAT is set, no
block is erased even though the erasing program is executed, and an error is returned to the
return value parameter FPFR.
3. Execute erasing
Similar to as in programming, there is an entry point of the erasing program in the area from
the start address of a download destination specified by FTDAR
+ 16 bytes of on-chip RAM.
The subroutine should be called and erasing should be executed by using the following steps.
MOV.L
#DLTOP+16,ER2
;
Set entry address to ER2
JSR
@ER2
;
Call erasing routine
NOP
•
The general registers other than R0L are retained in the erasing program.
•
R0L is a return value of FPFR.
•
Since the stack area is used in the erasing program, a stack area of 128 bytes at the
maximum must be saved in RAM.
4. Check the return value in the erasing program, FPFR (general register R0L)
5. Determine whether erasure of the necessary blocks has completed
If several blocks need to be erased, update FEBS and repeat steps 2 to 5. Blocks that have
already been erased can be erased again.
6. After erasure completes, clear FKEY and specify software protection
If this LSI is restarted by a reset immediately after user MAT erasure has completed, secure
the reset period (period of
RES = 0) of at least 100 µs which is longer than normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com