công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 597 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 597 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 593Page - Renesas Technology Corp H8S/2437 Datasheet HTML 594Page - Renesas Technology Corp H8S/2437 Datasheet HTML 595Page - Renesas Technology Corp H8S/2437 Datasheet HTML 596Page - Renesas Technology Corp H8S/2437 Datasheet HTML 597Page - Renesas Technology Corp H8S/2437 Datasheet HTML 598Page - Renesas Technology Corp H8S/2437 Datasheet HTML 599Page - Renesas Technology Corp H8S/2437 Datasheet HTML 600Page - Renesas Technology Corp H8S/2437 Datasheet HTML 601Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 746 page
background image
Rev. 1.00, 09/03, page 559 of 704
• In download processing, all interrupts are not accepted. However, interrupt requests other than
the NMI are retained. Therefore, when the user procedure program is returned, the interrupts
occur.
• When the level-detection interrupt requests need to be retained, interrupts must be input until
the download is ended.
• When hardware standby mode is entered during download processing, the normal download
cannot be guaranteed in the on-chip RAM. Therefore, download must be executed again.
• Since a stack area of 128 bytes at the maximum is used, the area must be saved before setting
the SCO bit to 1.
4. Clear FKEY to H'00 for protection
5. Check the value of DPFR to confirm the download result
• Check the value of DPFR (one byte of start address of the download destination specified by
FTDAR). If the value is H'00, download has been performed normally. If the value is not H'00,
the source that caused download to fail can be investigated by the description below.
• If the value of DPFR is the same as that before downloading (e.g. H'FF), the address setting of
the download destination in FTDAR may be abnormal. In this case, confirm the setting of the
TDER bit in FTDAR.
• If the value of DPFR is different from that before downloading, check the SS and FK bits in
DPFR to ensure that the download program selection and FKEY setting were normal,
respectively.
6. Set the operating frequency to FPEFEQ for initialization
• The current frequency of the CPU clock is set to FPEFEQ (general register ER0).
The settable range of FPEFEQ is 5 to 20 MHz. When the frequency is set to out of this range,
an error is returned to FPFR of the initialization program and initialization is not performed.
For details on the frequency setting, see section 20.3.2 (2) (a), Flash Program/Erase Frequency
Parameter (FPEFEQ).
7. Execute initialization
When the programming program is downloaded, the initialization program is also downloaded
to the on-chip RAM. There is an entry point of the initialization program in the area from the
start address specified by FTDAR
+ 32 bytes of the on-chip RAM. The subroutine should be
called and initialization should be executed by using the following steps.
MOV.L
#DLTOP+32,ER2
;
Set entry address to ER2
JSR
@ER2
;
Call initialization routine
NOP
• The general registers other than R0L are retained in the initialization program.
• R0L is a return value of FPFR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com