công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 600 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 600 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 596Page - Renesas Technology Corp H8S/2437 Datasheet HTML 597Page - Renesas Technology Corp H8S/2437 Datasheet HTML 598Page - Renesas Technology Corp H8S/2437 Datasheet HTML 599Page - Renesas Technology Corp H8S/2437 Datasheet HTML 600Page - Renesas Technology Corp H8S/2437 Datasheet HTML 601Page - Renesas Technology Corp H8S/2437 Datasheet HTML 602Page - Renesas Technology Corp H8S/2437 Datasheet HTML 603Page - Renesas Technology Corp H8S/2437 Datasheet HTML 604Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 746 page
background image
Rev. 1.00, 09/03, page 562 of 704
(3) Erasing Procedure in User Program Mode
The procedures for download, initialization, and erasing are shown in figure 20.12.
Set FKEY to H'A5
Set SCO to 1 and
execute download
DPFR
= 0?
Yes
No
Download error processing
Set the FPEFEQ
parameter
Yes
End erasing
procedure program
FPFR
= 0 ?
No
Initialization error processing
Disable interrupts and
bus master operation
other than CPU
Clear FKEY to 0
Set FEBS parameter
Yes
FPFR
= 0 ?
No
Clear FKEY and erasing
error processing
Yes
Required block
erasing is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
1.
2.
3.
4.
5.
6.
1
1
Initialization
JSR FTDAR setting
+ 32
Erasing
JSR FTDAR setting
+ 16
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Start erasing procedure
program
Figure 20.12 Erasing Procedure
The procedure program must be executed in an area other than the user MAT to be erased.
Especially the part where the SCO bit in FCCS is set to 1 for downloading must be executed in the
on-chip RAM.
The area that can be executed in each step of the user procedure program (on-chip RAM, user
MAT, and external space) is shown in section 20.4.4, Storable Area for Procedure Program and
Program Data.
For the area of the on-chip program to be downloaded, see the RAM map for
programming/erasing in figure 20.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com